Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV4020BC Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616LV4020BC
Description  Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4020BC Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616LV4020BC Datasheet HTML 1Page - Brilliance Semiconductor BS616LV4020BC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV4020BC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV4020BC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4020BC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4020BC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4020BC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4020BC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4020BC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Revision 2.3
April 2002
3
MODE
CE1
CE2
OE
WE
CIO
LB
UB
SAE
D0~7
D8~15
VCC Current
HX
X
X
Fully Standby
XL
XX
X
XX
X
High-Z
High-Z
ICCSB, ICCSB1
Output Disable
L
H
H
H
X
X
X
X
High-Z
High-Z
ICC
L
H
Dout
High-Z
H
L
High-Z
Dout
Read from SRAM
( WORD mode )
LH
L
H
H
LL
X
Dout
Dout
ICC
LH
Din
X
HL
X
Din
Write to SRAM
( WORD mode )
LH
X
L
H
LL
X
Din
Din
ICC
Read from SRAM
( BYTE Mode )
L
H
L
H
L
X
X
A-1
Dout
High-Z
ICC
Write to SRAM
( BYTE Mode )
LH
X
L
L
X
X
A-1
Din
X
ICC
TRUTH TABLE
BSI
BS616LV4020
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0 O C to +70 O C2.7V ~ 3.6V
Industrial
-40 O C to +85 O C2.7V ~ 3.6V
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not tested.
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal
Voltage
with
Respect to GND
-0.5 to
Vcc+0.5
V
TBIAS
Temperature Under Bias
-40 to +125
O C
TSTG
Storage Temperature
-60 to +150
O C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
R0201-BS616LV4020
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT


Similar Part No. - BS616LV4020BC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021BC BSI-BS616LV4021BC Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021BI BSI-BS616LV4021BI Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021DC BSI-BS616LV4021DC Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021DI BSI-BS616LV4021DI Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
More results

Similar Description - BS616LV4020BC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2025 BSI-BS616LV2025 Datasheet
253Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV2023 BSI-BS616LV2023 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com