Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ771802DPJT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771802DPJT
Description  Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771802DPJT Datasheet(HTML) 5 Page - Texas Instruments

  BQ771802DPJT Datasheet HTML 1Page - Texas Instruments BQ771802DPJT Datasheet HTML 2Page - Texas Instruments BQ771802DPJT Datasheet HTML 3Page - Texas Instruments BQ771802DPJT Datasheet HTML 4Page - Texas Instruments BQ771802DPJT Datasheet HTML 5Page - Texas Instruments BQ771802DPJT Datasheet HTML 6Page - Texas Instruments BQ771802DPJT Datasheet HTML 7Page - Texas Instruments BQ771802DPJT Datasheet HTML 8Page - Texas Instruments BQ771802DPJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
bq771800, bq771801, bq771802
bq771803, bq771808, bq771809
www.ti.com
SLUSAX1B – DECEMBER 2012 – REVISED OCTOBER 2013
DC CHARACTERISTICS
Typical values stated where TA = 25°C and VDD = 18 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 3 V
to 25 V (unless otherwise noted).
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Voltage Protection Threshold VCx
bq771800
4.300
V
bq771801
4.275
V
bq771803
4.275
V
bq771802
4.225
V
bq771804(1)
4.225
V
bq771805(1)
4.325
V
bq771806(1)
4.350
V
bq771807(1)
4.450
V
VOV
V(PROTECT) Overvoltage Detection
bq771808
4.200
V
bq771809
4.200
V
bq771810(1)
4.200
V
bq771811(1)
4.225
V
bq771812(1)
4.250
V
bq771813(1)
4.250
V
bq771814(1)
3.900
V
bq771815(1)
4.225
V
bq771816(1)
4.250
V
bq771800
250
300
400
mV
bq771801
0
50
100
V
bq771802
250
300
400
mV
bq771803
0
50
100
V
bq771804(1)
250
300
400
mV
bq771805(1)
250
300
400
mV
bq771806(1)
250
300
400
mV
bq771807(1)
250
300
400
mV
VHYS
OV Detection Hysteresis
bq771808
0
50
100
V
bq771809
0
50
100
V
bq771810(1)
200
250
250
mV
bq771811(1)
0
50
100
V
bq771812(1)
0
50
100
V
bq771813(1)
0
50
100
V
bq771814(1)
250
300
400
mV
bq771815(1)
0
50
100
V
bq771816(1)
0
50
100
V
VOA
OV Detection Accuracy
TA = 25°C
–10
10
mV
TA = –40°C
–40
44
mV
TA = 0°C
–20
20
mV
OV Detection Accuracy Across
VOADRIFT
Temperature
TA = 60°C
–24
24
mV
TA = 110°C
–54
54
mV
Supply and Leakage Current
(V5–V4) = (V4–V3) = (V3–V2) = (V2–V1) =
ICC
Supply Current
1
2
µA
(V1–VSS) = 4.0 V (See Figure 13.)
(V5–V4) = (V4–V3) = (V3–V2) = (V2–V1) =
IIN
Input Current at Vx Pins
–0.1
0.1
µA
(V1–VSS) = 4.0 V (See Figure 13.)
(1)
Product Preview only.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq771800 bq771801 bq771802 bq771803 bq771808 bq771809


Similar Part No. - BQ771802DPJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771802DPJT TI-BQ771802DPJT Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJT TI1-BQ771802DPJT Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJT TI1-BQ771802DPJT Datasheet
875Kb / 23P
[Old version datasheet]   Internal Delay Timer
BQ771802DPJT TI1-BQ771802DPJT Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJT TI1-BQ771802DPJT Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771802DPJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718 Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V03 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V02 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V04 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V01 Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ77205 TI-BQ77205 Datasheet
876Kb / 19P
[Old version datasheet]   BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com