Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCKNP02SJ0330A10 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MCKNP02SJ0330A10
Description  Wire Wound Fixed Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCKNP02SJ0330A10 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MCKNP02SJ0330A10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCKNP02SJ0330A10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCKNP02SJ0330A10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCKNP02SJ0330A10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCKNP02SJ0330A10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCKNP02SJ0330A10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCKNP02SJ0330A10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCKNP02SJ0330A10 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCKNP02SJ0330A10 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Wire Wound Fixed Resistors
Page <6>
14/07/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Part Number Table
Description
Part Number
Resistor, Wire Wound, 470R, 5%, 2WS
MCKNP02SJ0471A10
Resistor, Wire Wound, 0R1, 5%, 3W
MCKNP03WJ010KAA9
Resistor, Wire Wound, 0R15, 5%, 3W
MCKNP03WJ015KAA9
Resistor, Wire Wound, 0R22, 5%, 3W
MCKNP03WJ022KAA9
Resistor, Wire Wound, 1R, 5%, 3W
MCKNP03WJ010JAA9
Resistor, Wire Wound, 5R, 5%, 3W
MCKNP03WJ050JAA9
Resistor, Wire Wound, 5R6, 5%, 3W
MCKNP03WJ056JAA9
Resistor, Wire Wound, 6R8, 5%, 3W
MCKNP03WJ068JAA9
Resistor, Wire Wound, 10R, 5%, 3W
MCKNP03WJ0100AA9
Resistor, Wire Wound, 18R, 5%, 3W
MCKNP03WJ0180AA9
Resistor, Wire Wound, 33R, 5%, 3W
MCKNP03WJ0330AA9
Resistor, Wire Wound, 39R, 5%, 3W
MCKNP03WJ0390AA9
Resistor, Wire Wound, 47R, 5%, 3W
MCKNP03WJ0470AA9
Resistor, Wire Wound, 51R, 5%, 3W
MCKNP03WJ0510AA9
Resistor, Wire Wound, 100R, 5%, 3W
MCKNP03WJ0101AA9
Resistor, Wire Wound, 220R, 5%, 3W
MCKNP03WJ0221AA9
Resistor, Wire Wound, 390R, 5%, 3W
MCKNPS3WJ0391AA9
Resistor, Wire Wound, 470R, 5%, 3W
MCKNP03WJ0471AA9
Resistor, Wire Wound, 1K, 5%, 3W
MCKNP03WJ0102AA9
Resistor, Wire Wound, 0.1R, 5%, 3W
MCKNP03UJ010KB00
Resistor, Wire Wound, 0.2R, 5%, 3W
MCKNP03UJ020KB00
Resistor, Wire Wound, 0.5R, 5%, 3W
MCKNP03UJ050KB00
Resistor, Wire Wound, 1R, 5%, 3W
MCKNP03UJ010JB00
Resistor, Wire Wound, 2R, 5%, 3W
MCKNP03UJ020JB00
Resistor, Wire Wound, 5R, 5%, 3W
MCKNP03UJ050JB00
Resistor, Wire Wound, 10R, 5%, 3W
MCKNP03UJ0100B00
Resistor, Wire Wound, 25R, 5%, 3W
MCKNP03UJ0250B00
Resistor, Wire Wound, 40R, 5%, 3W
MCKNP03UJ0400B00
Resistor, Wire Wound, 50R, 5%, 3W
MCKNP03UJ0500B00
Resistor, Wire Wound, 75R, 5%, 3W
MCKNP03UJ0750B00
Resistor, Wire Wound, 100R, 5%, 3W
MCKNP03UJ0101B00
Resistor, Wire Wound, 120R, 5%, 3W
MCKNP03UJ0121B00
Resistor, Wire Wound, 200R, 5%, 3W
MCKNP03UJ0201B00
Resistor, Wire Wound, 220R, 5%, 3W
MCKNP03UJ0221B00


Similar Part No. - MCKNP02SJ0330A10

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MCK-1310 ALTECH-MCK-1310 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1311 ALTECH-MCK-1311 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1312 ALTECH-MCK-1312 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1313 ALTECH-MCK-1313 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1314 ALTECH-MCK-1314 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results

Similar Description - MCKNP02SJ0330A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
   Wire Wound Resistors
OCT-25-2023
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
logo
RFE international
SKN RFE-SKN Datasheet
971Kb / 3P
   Wire Wound Resistors
OCT-30-2023
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
   Fusible Wire Wound Resistors
19-JUN-2023
logo
List of Unclassifed Man...
GG102A ETC-GG102A Datasheet
598Kb / 1P
   PRECISION WIRE WOUND RESISTORS
logo
UNIOHM CORPORATION
RH-5W UNIOHM-RH-5W Datasheet
233Kb / 1P
   Aluminum Wire Wound Resistors
logo
List of Unclassifed Man...
5G10A ETC-5G10A Datasheet
557Kb / 1P
   PRECISION WIRE WOUND RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com