Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T521X226M035AHE060 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T521X226M035AHE060
Description  T521 High Voltage Polymer Tantalum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521X226M035AHE060 Datasheet(HTML) 3 Page - Kemet Corporation

  T521X226M035AHE060 Datasheet HTML 1Page - Kemet Corporation T521X226M035AHE060 Datasheet HTML 2Page - Kemet Corporation T521X226M035AHE060 Datasheet HTML 3Page - Kemet Corporation T521X226M035AHE060 Datasheet HTML 4Page - Kemet Corporation T521X226M035AHE060 Datasheet HTML 5Page - Kemet Corporation T521X226M035AHE060 Datasheet HTML 6Page - Kemet Corporation T521X226M035AHE060 Datasheet HTML 7Page - Kemet Corporation T521X226M035AHE060 Datasheet HTML 8Page - Kemet Corporation T521X226M035AHE060 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2016-1 • 1/17/2011
33
KEMET Organic Capacitor (KO-CAP) – T521 High Voltage Polymer Tantalum
Qualification
Test
Condition
Characteristics
Endurance
105°C @ Rated Voltage, 2000 Hrs.
125°C @ 2/3 Rated Voltage, 2000 Hrs.**
ΔC/C
Within -20/+10% of initial value
DF
Within initial limits
DCL
IL @ 105° C, 2x IL @ 125° C
ESR
2x Initial Limit
Storage
105°C @ 0 Volts, 2000 Hrs.
125°C @ 0 Voltage, 2000 Hrs.**
ΔC/C
Within -20/+10% of initial value
DF
Within initial limits
DCL
IL @ 105° C, 2x IL @ 125° C
ESR
2x Initial Limit
Humidity
60° C, 90% RH, 500Hr, Rated Voltage
60° C, 90% RH, 500Hr, No Load
ΔC/C
Within -5%/+35% of initial value
DF
Within initial limits
DCL
Within 3.0 x initial limit
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25 C,
-55C, +25 C, +85 C, +105/125 C, +25 C.
+25°C
-55°C
+85°C
+105/125°C
ΔC/C
IL*
±20%
±20%
±30%
DF
IL
IL
1.2 x IL
1.5 x IL
DCL
IL
n/a
10 x IL
10 x IL
Surge Voltage
105° C, 1.32 x Rated Voltage, 33Ω Resistance, 1000 cycles
ΔC/C
Within -20/+10% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/Vibration
Mil-Std-202, Meth. 213, Cond. I, 100G Peak
Mil-Std-202, Meth. 204, Cond. D, 10Hz to 2000Hz, 20G
Peak
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial Limit
**Refer to part number specifications for individual temperature classification.


Similar Part No. - T521X226M035AHE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521X226M050A(1)E050 KEMET-T521X226M050A(1)E050 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521X226M050A(1)E075 KEMET-T521X226M050A(1)E075 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521X226M050ATE050 KEMET-T521X226M050ATE050 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T521, 22 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 50 mOhms, Height Max = 4.3mm
T521X226M050ATE075 KEMET-T521X226M050ATE075 Datasheet
77Kb / 1P
   T521, Tantalum, Polymer Tantalum, 22 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, Height Max = 4.3mm
T521X226M063ATE075 KEMET-T521X226M063ATE075 Datasheet
80Kb / 1P
   T521, Tantalum, Polymer Tantalum, 22 uF, 20%, 63 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 7343, Height Max = 4.3mm
More results

Similar Description - T521X226M035AHE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521 KEMET-T521 Datasheet
133Kb / 1P
   T521 Series - High Voltage Polymer
T521T106M025ATE060 KEMET-T521T106M025ATE060 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 60
T521V106M035ATE120 KEMET-T521V106M035ATE120 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 120mOhms, 2mm
T521V226M025ATE040 KEMET-T521V226M025ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 22 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521V156M035ATE100 KEMET-T521V156M035ATE100 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 100mOhms, 2mm
T521T336M016ATE045 KEMET-T521T336M016ATE045 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 33 uF, 20%, 16 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 45mOhms, 1.2mm
T521V565M050ATE090 KEMET-T521V565M050ATE090 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 5.6 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 90mOhms, 2mm
T521V156M025ATE040 KEMET-T521V156M025ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521X157M016ATE080 KEMET-T521X157M016ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 150 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, 4.3mm
T521D475M075ATE075 KEMET-T521D475M075ATE075 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 75 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 3.1mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com