Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G150XGE-L04 Datasheet(PDF) 8 Page - AZ Displays

Part # G150XGE-L04
Description  15.0??TFT Liquid Crystal Display module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

G150XGE-L04 Datasheet(HTML) 8 Page - AZ Displays

Back Button G150XGE-L04_14 Datasheet HTML 4Page - AZ Displays G150XGE-L04_14 Datasheet HTML 5Page - AZ Displays G150XGE-L04_14 Datasheet HTML 6Page - AZ Displays G150XGE-L04_14 Datasheet HTML 7Page - AZ Displays G150XGE-L04_14 Datasheet HTML 8Page - AZ Displays G150XGE-L04_14 Datasheet HTML 9Page - AZ Displays G150XGE-L04_14 Datasheet HTML 10Page - AZ Displays G150XGE-L04_14 Datasheet HTML 11Page - AZ Displays G150XGE-L04_14 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PRODUCT SPECIFICATION
Version 2.0
4 June 2013
8 / 27
The
copyright belongs to InnoLux. Any unauthorized use is prohibited.
3. ELECTRICAL CHARACTERISTICS
3.1 TFT LCD MODULE
Value
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
VCC
3.0
3.3
3.6
V
-
Ripple Voltage
VRP
-
-
100
mVp-p
Rush Current
IRUSH
-
-
2.0
A
(2)
White
-
410
510
mA
(3)a
Power Supply Current
Black
lcc
-
590
690
mA
(3)b
LVDS differential input voltage
Vid
200
-
600
mV
LVDS common input voltage
Vic
1.0
1.2
1.4
V
“H” Level
VIH
-
-
100
mV
-
Differential Input Voltage for
LVDS Receiver Threshold
“L” Level
VIL
-100
-
-
mV
-
Terminating Resistor
RT
-
100
-
Ohm
-
Note (1) The module should be always operated within above ranges.
Note (2) Measurement Conditions:
470μs
+3.3V
GND
0.9 VCC
0.1 VCC
R1
(High to Low)
(Control Signal)
+12V
SW
Q2
C1
1uF
VCC
+3.3V
2SK1470
Q1
2SK1475
47K
R2
1K
VR1
47K
C2
0.01uF
C3
1uF
FUSE
(LCD Module Input)


Similar Part No. - G150XGE-L04_14

ManufacturerPart #DatasheetDescription
logo
AU Optronics Corp.,
G150XG01V.0 AUO-G150XG01V.0 Datasheet
278Kb / 28P
   15.0inch XGA Color TFT-LCD Module
G150XG01V1 AUO-G150XG01V1 Datasheet
513Kb / 27P
   15 Inch Color TFT-LCD
G150XG01V2 AUO-G150XG01V2 Datasheet
1Mb / 28P
   15 Inch Color TFT-LCD
G150XG03V2 AUO-G150XG03V2 Datasheet
845Kb / 28P
   15 Inch Color TFT-LCD
More results

Similar Description - G150XGE-L04_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M150X3-T05 ETC-M150X3-T05 Datasheet
662Kb / 26P
   15.0 TFT Liquid Crystal Display module
M150X3-T03 ETC-M150X3-T03 Datasheet
638Kb / 27P
   15.0 TFT Liquid Crystal Display module
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-V NEWHAVEN-NHD-4.3RTP-SHIELD-V Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
logo
AZ Displays
G104X1-L04 AZDISPLAYS-G104X1-L04 Datasheet
572Kb / 26P
   10.4??TFT Liquid Crystal Display module
G133IGE-L03 AZDISPLAYS-G133IGE-L03 Datasheet
661Kb / 27P
   13.3??TFT Liquid Crystal Display module
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-N NEWHAVEN-NHD-4.3RTP-SHIELD-N Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
logo
Chi Mei Corporation.
N173HGE-E11 CHIMEI-N173HGE-E11 Datasheet
629Kb / 37P
   17.3??TFT Liquid Crystal Display module
logo
AZ Displays
G141C1-L01 AZDISPLAYS-G141C1-L01 Datasheet
666Kb / 28P
   14.1??TFT Liquid Crystal Display module
logo
List of Unclassifed Man...
V390DK1-LS1 ETC2-V390DK1-LS1 Datasheet
1Mb / 50P
   TFT Liquid Crystal Display
logo
Newhaven Display Intern...
NHD-24-240320SF-CTXI NEWHAVEN-NHD-24-240320SF-CTXI Datasheet
695Kb / 9P
   TFT (Thin-Film Transistor) Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com