Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G104X1-L04 Datasheet(PDF) 6 Page - AZ Displays

Part # G104X1-L04
Description  10.4??TFT Liquid Crystal Display module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

G104X1-L04 Datasheet(HTML) 6 Page - AZ Displays

Back Button G104X1-L04 Datasheet HTML 2Page - AZ Displays G104X1-L04 Datasheet HTML 3Page - AZ Displays G104X1-L04 Datasheet HTML 4Page - AZ Displays G104X1-L04 Datasheet HTML 5Page - AZ Displays G104X1-L04 Datasheet HTML 6Page - AZ Displays G104X1-L04 Datasheet HTML 7Page - AZ Displays G104X1-L04 Datasheet HTML 8Page - AZ Displays G104X1-L04 Datasheet HTML 9Page - AZ Displays G104X1-L04 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Issued Date: Jan. 04, 2010
Model No.: G104X1-L04
Approval
6/26
Version 2.0
2.2 ELECTRICAL ABSOLUTE RATINGS
2.2.1 TFT LCD MODULE
Value
Item
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
VCC
-0.3
7
V
(1)
2.2.2 LED CONVERTER
Value
Item
Symbol
Min.
Max.
Unit
Note
Converter Voltage
Vi
-0.3
18
V
(1), (2)
Enable Voltage
EN
---
5.5
V
Backlight Adjust
ADJ
---
3.3
V
Note (1) Permanent damage to the device may occur if maximum values are exceeded. Function operation
should be restricted to the conditions described under Normal Operating Conditions.
Note (2) Specified values are for LED light bar (Refer to 3.2 for further information).
3. ELECTRICAL CHARACTERISTICS
3.1 TFT LCD MODULE
Ta = 25 ± 2 ºC
Value
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
VCC
3.0
3.3
3.6
V
(1)
Rush Current
IRUSH
-
-
4.0
A
(2)
White
530
570
620
mA
Power Supply Current
Black
-
380
420
460
mA
(3)
Power Consumption
PL
---
1.9
---
W
LVDS differential input voltage
|VID|
100
-
600
mV
-
LVDS common input voltage
VICM
0.7
-
1.6
V
-
Note (1) The assembly should be always operated within above ranges.
Note (2) Measurement Conditions:
R1
(High to Low)
(Control Signal)
+12V
SW
Q2
C1
1uF
Vcc
+3.3V
2SK1470
Q1
2SK1475
47K
R2
1K
VR1
47K
C2
0.01uF
C3
1uF
FUSE
(LCD Module Input)


Similar Part No. - G104X1-L04

ManufacturerPart #DatasheetDescription
logo
AZ Displays
G104X1-L01 AZDISPLAYS-G104X1-L01 Datasheet
750Kb / 26P
   TFT LCD Approval Specification
G104X1-L03 AZDISPLAYS-G104X1-L03 Datasheet
725Kb / 27P
   TFT LCD Tentative Specification
More results

Similar Description - G104X1-L04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M150X3-T03 ETC-M150X3-T03 Datasheet
638Kb / 27P
   15.0 TFT Liquid Crystal Display module
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-V NEWHAVEN-NHD-4.3RTP-SHIELD-V Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
logo
AZ Displays
G133IGE-L03 AZDISPLAYS-G133IGE-L03 Datasheet
661Kb / 27P
   13.3??TFT Liquid Crystal Display module
logo
List of Unclassifed Man...
M150X3-T05 ETC-M150X3-T05 Datasheet
662Kb / 26P
   15.0 TFT Liquid Crystal Display module
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-N NEWHAVEN-NHD-4.3RTP-SHIELD-N Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
logo
Chi Mei Corporation.
N173HGE-E11 CHIMEI-N173HGE-E11 Datasheet
629Kb / 37P
   17.3??TFT Liquid Crystal Display module
logo
AZ Displays
G150XGE-L04 AZDISPLAYS-G150XGE-L04_14 Datasheet
587Kb / 28P
   15.0??TFT Liquid Crystal Display module
G141C1-L01 AZDISPLAYS-G141C1-L01 Datasheet
666Kb / 28P
   14.1??TFT Liquid Crystal Display module
logo
List of Unclassifed Man...
V390DK1-LS1 ETC2-V390DK1-LS1 Datasheet
1Mb / 50P
   TFT Liquid Crystal Display
logo
Newhaven Display Intern...
NHD-24-240320SF-CTXI NEWHAVEN-NHD-24-240320SF-CTXI Datasheet
695Kb / 9P
   TFT (Thin-Film Transistor) Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com