Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM0700L7 Datasheet(PDF) 5 Page - AZ Displays

Part # ATM0700L7
Description  LIQUID CRYSTAL DISPLAY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0700L7 Datasheet(HTML) 5 Page - AZ Displays

  ATM0700L7_14 Datasheet HTML 1Page - AZ Displays ATM0700L7_14 Datasheet HTML 2Page - AZ Displays ATM0700L7_14 Datasheet HTML 3Page - AZ Displays ATM0700L7_14 Datasheet HTML 4Page - AZ Displays ATM0700L7_14 Datasheet HTML 5Page - AZ Displays ATM0700L7_14 Datasheet HTML 6Page - AZ Displays ATM0700L7_14 Datasheet HTML 7Page - AZ Displays ATM0700L7_14 Datasheet HTML 8Page - AZ Displays ATM0700L7_14 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2.Pin Assignment
FPC Connector is used for the module electronics interface. The model is F62240-H1210A
manufactured by
Vigorconn.
Pin No.
Symbol
I/O
Function
Remark
1
VCOM
P
Common Voltage
2
VDD
P
Power Voltage for digital circuit
3
VDD
P
Power Voltage for digital circuit
4
NC
---
No connection
5
NC
---
No connection
6
NC
---
No connection
7
GND
P
Ground
8
RXIN0-
I
- LVDS differential data input
9
RXIN0+
I
+ LVDS differential data input
10
GND
P
Ground
11
RXIN1-
I
- LVDS differential data input
12
RXIN1+
I
+ LVDS differential data input
13
GND
P
Ground
14
RXIN2-
I
- LVDS differential data input
15
RXIN2+
I
+ LVDS differential data input
16
GND
P
Ground
17
RXCLKIN-
I
- LVDS differential clock input
18
RXCLKIN+
I
+ LVDS differential clock input
19
GND
P
Ground
20
RXIN3-
I
- LVDS differential data input
21
RXIN3+
I
+ LVDS differential data input
22
GND
P
Ground
23
NC
---
No connection
24
NC
---
No connection
25
GND
P
Ground
26
NC
---
No connection
ATM0700L7(AZ DISPLAYS) TFT MODULE VER1.0
AZ DISPLAYS
2


Similar Part No. - ATM0700L7_14

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0700L26 AZDISPLAYS-ATM0700L26 Datasheet
511Kb / 19P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0700L26B-T AZDISPLAYS-ATM0700L26B-T Datasheet
520Kb / 21P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0700L61 AZDISPLAYS-ATM0700L61 Datasheet
540Kb / 21P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0700L61-CT AZDISPLAYS-ATM0700L61-CT Datasheet
582Kb / 22P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0700L61-T AZDISPLAYS-ATM0700L61-T Datasheet
1Mb / 21P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0700L7_14

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com