Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM0700D6C Datasheet(PDF) 10 Page - AZ Displays

Part # ATM0700D6C
Description  LIQUID CRYSTAL DISPLAY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0700D6C Datasheet(HTML) 10 Page - AZ Displays

Back Button ATM0700D6C Datasheet HTML 6Page - AZ Displays ATM0700D6C Datasheet HTML 7Page - AZ Displays ATM0700D6C Datasheet HTML 8Page - AZ Displays ATM0700D6C Datasheet HTML 9Page - AZ Displays ATM0700D6C Datasheet HTML 10Page - AZ Displays ATM0700D6C Datasheet HTML 11Page - AZ Displays ATM0700D6C Datasheet HTML 12Page - AZ Displays ATM0700D6C Datasheet HTML 13Page - AZ Displays ATM0700D6C Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ATM0700D6C(AZ DISPLAYS) TFT MODULE
VER3.6
AZ DISPLAYS
9
3.3 Timing Characteristics
3.3.1 AC Electrical Characteristics
Values
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
HS Setup Time
Thst
8
--
--
ns
HS Hold Time
Thhd
8
--
--
ns
VS Setup Time
Tvst
8
--
--
ns
VS Hold Time
Tvhd
8
--
--
ns
Data Setup Time
Tdsu
8
--
--
ns
Data Hold Time
Tdhd
8
--
--
ns
DE Setup Time
Tesu
8
--
--
ns
DE Hold Time
Tehd
8
--
--
ns
DVDD Power On Slew Time
TPOR
--
--
20
ms
From 0 to
90% DVDD
Reset Pulse Width
TRst
1
--
--
ms
DCLK Cycle Time
Tcoh
20
--
--
ns
DCLK Pulse Duty
Tcwh
40
50
60
%


Similar Part No. - ATM0700D6C

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0700D6C-CT AZDISPLAYS-ATM0700D6C-CT Datasheet
966Kb / 23P
   LIQUID CRYSTAL DISPLAY
ATM0700D6C-T AZDISPLAYS-ATM0700D6C-T Datasheet
638Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6C2-T AZDISPLAYS-ATM0700D6C2-T Datasheet
578Kb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0700D6C

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com