Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM0700D6B-T Datasheet(PDF) 4 Page - AZ Displays

Part # ATM0700D6B-T
Description  LIQUID CRYSTAL DISPLAY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0700D6B-T Datasheet(HTML) 4 Page - AZ Displays

  ATM0700D6B-T Datasheet HTML 1Page - AZ Displays ATM0700D6B-T Datasheet HTML 2Page - AZ Displays ATM0700D6B-T Datasheet HTML 3Page - AZ Displays ATM0700D6B-T Datasheet HTML 4Page - AZ Displays ATM0700D6B-T Datasheet HTML 5Page - AZ Displays ATM0700D6B-T Datasheet HTML 6Page - AZ Displays ATM0700D6B-T Datasheet HTML 7Page - AZ Displays ATM0700D6B-T Datasheet HTML 8Page - AZ Displays ATM0700D6B-T Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ATM0700D6B-T(AZ DISPLAYS) TFT MODULE
VER3.3
AZ DISPLAYS
3
1. GENERAL SPECIFICATIONS
Item
Specification
Remark
1. LCD size
7.0 inch(Diagonal)
2. Driver element
a-Si TFT active matrix
3. Resolution
800x(RGB)x480
4. Display mode
Normally white,Transmissive
5. Dot Pitch (W*H)
0.0642mm(W) x 0.1790mm(H)
6. Active Area(W*H)
154.08mm(W) x 85.92mm(H)
7. Module size (W*H)
164.9mm(W) x 100.0mm(H) x 5.7mm(D)
Note 1
8. Surface treatment
Anti-glare
9. Color arrangement
RGB-stripe
10. Interface
Digital
11. Backlight power consumption
1.98W(Typ.)
12. Panel power consumption
0.226W(Typ.)
13. Weight
200g(Typ.)
14. RoHS
ROHS compliant
Note 1: Please refer to mechanical drawing.


Similar Part No. - ATM0700D6B-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0700D6B-CT AZDISPLAYS-ATM0700D6B-CT Datasheet
576Kb / 23P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B-CT AZDISPLAYS-ATM0700D6B-CT_14 Datasheet
576Kb / 23P
   LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0700D6B-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com