Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L24ACP Datasheet(PDF) 6 Page - Boca Semiconductor Corporation

Part # MC78L24ACP
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

MC78L24ACP Datasheet(HTML) 6 Page - Boca Semiconductor Corporation

  MC78L24ACP Datasheet HTML 1Page - Boca Semiconductor Corporation MC78L24ACP Datasheet HTML 2Page - Boca Semiconductor Corporation MC78L24ACP Datasheet HTML 3Page - Boca Semiconductor Corporation MC78L24ACP Datasheet HTML 4Page - Boca Semiconductor Corporation MC78L24ACP Datasheet HTML 5Page - Boca Semiconductor Corporation MC78L24ACP Datasheet HTML 6Page - Boca Semiconductor Corporation MC78L24ACP Datasheet HTML 7Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC78LXXA (LM78LXX, KA78LXXA)
FIXED VOLTAGE REGULATOR (POSITIVE)
LM78L18 ELECTRICAL CHARACTERISTICS
(VI = 27V, IO = 40mA, 0
°C ≤ T
J
≤ 125 °C, C
I = 0.33
µF, C
O = 0.1
µF, unless otherwise specified. (Note 1)
LM78L24 ELECTRICAL CHARACTERISTICS
(VI = 33V, IO = 40mA, 0
°C ≤ T
J
≤ 125 °C, C
I = 0.33
µF, C
O = 0.1
µF, unless otherwise specified. (Note 1)
Notes
1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead
length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation
of tests.
2. Power dissipation
≤ 0.75W.
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = 25
°C
17.3
18
18.7
V
21V
≤ V
I
≤ 33V
145
300
mV
22V
≤ V
I
≤ 33V
135
250
mV
1mA
≤ I
O
≤100mA
30
170
mV
1mA
≤ I
O
≤ 40mA
15
85
mV
21V
≤ V
I
≤ 33V
1mA
≤ I
O
≤ 40mA
17.1
18.9
V
Output Voltage
VO
21V
≤ V
I
≤ V
MAX
(Note 2)
1mA
≤ I
O
≤ 70mA
17.1
18.9
V
Quiescent Current
IQ
TJ = 25
°C
2.2
6.0
mA
Quiescent Current
with line
∆I
Q
21V
≤ V
I
≤ 33V
1.5
mA
Change
with load
∆I
Q
1mA
≤ I
O
≤ 40mA
0.1
mA
Output Noise Voltage
VN
TA = 25
°C, 10Hz ≤ f ≤ 100KHz
150
µV/V
O
Temperature Coefficient of VO
IO = 5mA
-1.8
mV/
°C
Ripple Rejection
RR
f = 120Hz, 23V
≤ V
I
≤ 33V, T
J = 25
°C
34
48
dB
Dropout Voltage
VD
TJ = 25
°C
1.7
V
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = 25
°C
23
24
25
V
27V
≤ V
I
≤ 38V
160
300
mV
28V
≤ V
I
≤ 38V
150
250
mV
1mA
≤ I
O
≤ 100mA
40
200
mV
1mA
≤ I
O
≤ 40mA
20
100
mV
27V
≤ V
I
≤ 38V
1mA
≤ I
O
≤ 40mA
22.8
25.2
V
Output Voltage
VO
27V
≤ V
I
≤ V
MAX
(Note 2)
1mA
≤ I
O
≤ 70mA
22.8
25.2
V
Quiescent Current
IQ
TJ = 2 5
°C
2.2
6.0
mA
Quiescent Current
with line
∆I
Q
28V
≤ V
I
≤ 38V
1.5
mA
Change
with load
∆I
Q
1mA
≤ I
O
≤ 40mA
0.1
mA
Output Noise Voltage
VN
TA = 25
°C, 10Hz ≤ f ≤ 100KHz
200
µV/V
O
Temperature Coefficient of VO
IO = 5mA
-2.0
mV/
°C
Ripple Rejection
RR
f = 120Hz, 28V
≤ V
I
≤ 38V, T
J = 25
°C
34
45
dB
Dropout Voltage
VD
TJ = 25
°C
1.7
V
Line Regulation
Line Regulation
∆V
O
∆V
O
TJ =25
°C
TJ =25
°C
TJ =25
°C
TJ =25
°C
∆V
O
∆V
O
Load Regulation
Load Regulation
∆V
O/
∆T
∆V
O/
∆T
This Material Copyrighted By Its Respective Manufacturer


Similar Part No. - MC78L24ACP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L24ACP MOTOROLA-MC78L24ACP Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L24ACP ONSEMI-MC78L24ACP Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Fairchild Semiconductor
MC78L24ACP FAIRCHILD-MC78L24ACP Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
MC78L24ACP FAIRCHILD-MC78L24ACP Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
MC78L24ACP FAIRCHILD-MC78L24ACP Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - MC78L24ACP

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
LM79LXXA BOCA-LM79LXXA Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com