Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFD212G45DP3A188 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # LFD212G45DP3A188
Description  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFD212G45DP3A188 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button LFD212G45DP3A188 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A188 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A188 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A188 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A188 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A188 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A188 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A188 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A188 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Filters for Communication Equipment
7
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
Continued from the preceding page.
LFL211G92TC1A060
1920
fo
±70
0.6 max. (at 25
°C)
24 min. at 3335~3700MHz
30 min. at 3700~3820MHz
LFL212G45TC1A007
2450
fo
±50
0.50 max. (at 25
°C)
27 min. at 2x(fo
±50.0)MHz
30 min. at 3x(fo
±50.0)MHz
LFL215G25TC1A156
5250
fo
±100.0
0.70 max. (at 25
°C)
24 min. at 2x(fo
±100)MHz
19 min. at 3x(fo
±100)MHz
LFL215G37TC1A210
5375
fo
±475
0.70 max. (at 25
°C)
30 min. at 2x(fo
±475)MHz
20 min. at 3x(fo
±475)MHz
LFL215G51TC1A149
5512
fo
±363
0.70 max. (at 25
°C)
30 min. at 2x(fo
±363)MHz
20 min. at 3x(fo
±363)MHz
LFL215G78TC1A155
5787.5
fo
±62.5
0.70 max. (at 25
°C)
30 min. at 2x(fo
±62.5)MHz
20 min. at 3x(fo
±62.5)MHz
for RF/Local
Chip Multilayer LC Filters (HPF)
o LFH32_RA Series (1210)
3.2
±0.2
1.5
±0.15
(1)
(2)
(3)
(7)
(8)
(4)
(6)
Directional
Input mark
(5)
0.4
±0.2
0.1min.
0.55
±0.15
0.45
±0.15 1.0±0.2
(1)(3)(5)(7) : NC
(2)(6) : GND
(4) : OUT
(8) : IN
(in mm)
Terminal of "NC" should not be fixed to any pattern.
All the technical data and Information contained
herein are subject to change without prior notice.
Frequency Characteristics
Frequency Range (MHz)
700
1200
200
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFH32942MRA1A517
942.5
fo
±17.5
0.5 max. (at 25
°C)
4.5 min. at 480~600MHz
25 min. at 480MHz
for RF/Local
Chip Multilayer Diplexers
LFD18_DP Series
(1)
(3)
(4)
(2)
1.6
±0.1
0.6
±0.1
0.65
±0.15 0.30
+0.10
-0.15
0.15
±0.10
All the technical data and information contained
herein are subject to change without prior notice.
(in mm)
A
GND
P1 (*1)
P3 (*2)
P2 (*3)
(1) :
(2) :
(3) :
(4) :
A : Directional Input Mark
(*1) Higher Frequency Port
(*2) Common Port
(*3) Lower Frequency Port
LFD21_DP Series
2.0
±0.15
0.95
±0.1
(1)
(2)
(3)
(7)
(8)
(4)
(6)
(5)
0.3
0.2
±0.15
0.35
±0.1
0.65
±0.05
Directional
Input mark
All the technical data and information contained
herein are subject to change without prior notice.
(1)(2)(3)(5)(7) : GND
(4) : P1
(6) : P3 (
∗)
(8) : P2
(in mm)
+0.1
-0.2
0.3
+0.1
-0.15
(
∗) Common Port
Part Number
Frequency
Range[P1](f1)
(MHz)
Frequency
Range[P2](f2)
(MHz)
Insertion Loss
[P1-P3](in f1)
(dB)
Insertion Loss
[P2-P3](in f2)
(dB)
Attenuation
[P1-P3](in f2)
(dB)
Attenuation
[P2-P3](in f1)
(dB)
LFD182G45DP3A299
5375
±475.0MHz
2450
±50.0MHz
0.60 max. (at 25
°C)
0.40 max. (at 25
°C)
20 min.
20 min.
LFD212G45DP3A140
5250
±100.0MHz
2450
±50.0MHz
0.65 max. (at 25
°C)
0.50 max. (at 25
°C)
20 min.
20 min.
LFD212G45DP3A151
5487.5
±337.5MHz
2450
±50.0MHz
0.75 max. (at 25
°C)
0.50 max. (at 25
°C)
20 min.
16 min.
LFD212G45DP3A188
5375
±475.0MHz
2450
±50.0MHz
0.75 max. (at 25
°C)
0.50 max. (at 25
°C)
21 min.
17 min.
LFD212G45DP4A189
2450
±50.0MHz
5375
±475.0MHz
0.5 max. (at 25
°C)
0.75 max. (at 25
°C)
17 min.
21 min.
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - LFD212G45DP3A188

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD212G45DP3A188 MURATA-LFD212G45DP3A188 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
LFD212G45DP3A188 MURATA-LFD212G45DP3A188 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFD212G45DP3A188 MURATA1-LFD212G45DP3A188 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFD212G45DP3A188 MURATA1-LFD212G45DP3A188 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFD212G45DP3A188

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com