Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2094 Datasheet(PDF) 4 Page - Rohm

Part # 2SA2094
Description  PNP -2A -60V Middle Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2094 Datasheet(HTML) 4 Page - Rohm

  2SA2094 Datasheet HTML 1Page - Rohm 2SA2094 Datasheet HTML 2Page - Rohm 2SA2094 Datasheet HTML 3Page - Rohm 2SA2094 Datasheet HTML 4Page - Rohm 2SA2094 Datasheet HTML 5Page - Rohm 2SA2094 Datasheet HTML 6Page - Rohm 2SA2094 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SA2094
lElectrical characteristic curves(Ta = 25°C)
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (I)
COLLECTOR CURRENT : I
C [A]
Fig.6 Collector-Emitter Saturation Voltage
vs. Collector Current (II)
COLLECTOR CURRENT : I
C [A]
Fig.7 Base-Emitter Saturation Voltage
vs. Collector Current
COLLECTOR CURRENT : I
C [A]
Fig.8 Gain Bandwidth Product
vs. Emitter Current
EMITTER CURRENT : I
E [A]
4/6
2013.05 - Rev.B


Similar Part No. - 2SA2094

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
   Medium power transistor (-60V, -2A)
2SA2094 ROHM-2SA2094 Datasheet
934Kb / 4P
   Medium power transistor (-60V, -2A)
2SA2094 ROHM-2SA2094_11 Datasheet
934Kb / 4P
   Medium power transistor (-60V, -2A)
More results

Similar Description - 2SA2094

ManufacturerPart #DatasheetDescription
logo
Rohm
RJP020N06FRA ROHM-RJP020N06FRA Datasheet
2Mb / 14P
   Nch 60V 2A Middle Power MOSFET
2SAR553PFRA ROHM-2SAR553PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-50V / -2A)
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-30V/-2A)
2SCR553PFRA ROHM-2SCR553PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 2A)
2SCR512PFRA ROHM-2SCR512PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (30V / 2A)
2SA2071 ROHM-2SA2071_15 Datasheet
1Mb / 9P
   Middle Power transistor (-60V, -3A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
2SC5880 ROHM-2SC5880 Datasheet
79Kb / 4P
   Power transistor (60V, 2A)
2SC5880 ROHM-2SC5880_1 Datasheet
97Kb / 4P
   Power transistor (60V, 2A)
2SA2093 ROHM-2SA2093_11 Datasheet
938Kb / 4P
   Power transistor (-60V, -2A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com