Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1345A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1345A
Description  SAW Filter 262 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1345A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1345A_11 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1345A_11 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1345A_11 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1345A_11 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1345A_11 Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1345A_11 Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 262 MHz
MODEL NO.: TA1345A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: : -10°C to +50°C
4.Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency , Fc
MHz
-
262
-
Insertion loss, IL (260 ~ 264 MHz)
dB
-
1.8
3
Amplitude ripple (260 ~ 264 MHz)
dB
-
0.7
2
Attenuation (Reference level from 0 dB)
Fc-100 ~ Fc-40 MHz
dB
40
47
-
Fc-40 ~ Fc-11 MHz
dB
30
42
-
Fc+11 ~ Fc+40 MHz
dB
15
35
-
Fc+40 ~ Fc+100 MHz
dB
38
43
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA1345A_11

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1345A GOLLEDGE-TA1345A Datasheet
128Kb / 5P
   SAW Filter 262.0MHz
More results

Similar Description - TA1345A_11

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1345B TAI-SAW-TA1345B Datasheet
200Kb / 6P
   SAW Filter 262 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com