Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1754ST-3302E Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1754ST-3302E
Description  150 mA, 16V, High Performance LDO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1754ST-3302E Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1754ST-3302E Datasheet HTML 4Page - Microchip Technology MCP1754ST-3302E Datasheet HTML 5Page - Microchip Technology MCP1754ST-3302E Datasheet HTML 6Page - Microchip Technology MCP1754ST-3302E Datasheet HTML 7Page - Microchip Technology MCP1754ST-3302E Datasheet HTML 8Page - Microchip Technology MCP1754ST-3302E Datasheet HTML 9Page - Microchip Technology MCP1754ST-3302E Datasheet HTML 10Page - Microchip Technology MCP1754ST-3302E Datasheet HTML 11Page - Microchip Technology MCP1754ST-3302E Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MCP1754/MCP1754S
DS22276A-page 8
© 2011 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
Operating Temperature Range
TJ
-40
+150
°C
Storage Temperature Range
TA
-55
+150
°C
Thermal Package Resistance
Thermal Resistance, SOT-223-3
θ
JA
θ
JC
62
15
°C/W
Thermal Resistance, SOT-223-5
θ
JA
θ
JC
62
15
°C/W
Thermal Resistance, SOT-23A-3
θ
JA
θ
JC
336
110
°C/W
Thermal Resistance, SOT-89-3
θ
JA
θ
JC
153.3
100
°C/W
Thermal Resistance, 2X3 DFN
θ
JA
θ
JC
93
26
°C/W
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum 150°C rating. Sustained
junction temperatures above 150°C can impact the device reliability.


Similar Part No. - MCP1754ST-3302E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1754ST-3302E-CB MICROCHIP-MCP1754ST-3302E-CB Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E-DB MICROCHIP-MCP1754ST-3302E-DB Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E-DC MICROCHIP-MCP1754ST-3302E-DC Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E-MB MICROCHIP-MCP1754ST-3302E-MB Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E-MC MICROCHIP-MCP1754ST-3302E-MC Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
More results

Similar Description - MCP1754ST-3302E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
MCP1755 MICROCHIP-MCP1755_12 Datasheet
2Mb / 40P
   300 mA, 16V, High-Performance LDO
2012 11/29/12
MIC5376 MICROCHIP-MIC5376 Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
   LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com