Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB1080PH-1 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDB1080PH-1
Description  80V, 10A POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB1080PH-1 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDB1080PH-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB1080PH-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB1080PH-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB1080PH-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB1080PH-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D0Q018-002
1
SDB1080PH
Schottky Barrier Rectifier
TO-220F-2L
80V, 10A POWER SCHOTTKY RECTIFIER
Features
Low forward voltage drop
Low power loss and High efficiency
Low leakage current
High surge capacity
Full lead (Pb)-free and RoHS compliant device
Applications
High efficiency SMPS
Output rectification
High frequency switching
Freewheeling
DC-DC converter systems
Description
The SDB1080PH is suited for Switch Mode Power Supply and high frequency DC to DC converters.
This device is especially intended for use in low voltage, high frequency inverters, free wheeling and
polarity protection applications.
Ordering Information
Device
Marking Code
Package
Packaging
SDB1080PH
SDB1080
TO-220F-2L
Tube
Marking Information
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB1080
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB1080
AUK = Manufacture Logo
∆ = Control Code of Manufacture
YMDD = Date Code Marking
-. Y = Year Code
-. M = Monthly Code
-. D = Daily Code
SDB1080 = Specific Device Code
Product Characteristics
IF(AV)
10A
VRRM
80V
VFM at 125℃
0.65V (Typ.)
IFSM
150A
Pin Configuration
Pin 1: Cathode
Pin 2: Anode


Similar Part No. - SDB1080PH-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1080PH KODENSHI-SDB1080PH Datasheet
284Kb / 5P
   80V, 10A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB1080PH-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1080PH KODENSHI-SDB1080PH Datasheet
284Kb / 5P
   80V, 10A POWER SCHOTTKY RECTIFIER
logo
PFC Device Inc.
PTR1080CT PFC-PTR1080CT Datasheet
770Kb / 7P
   10A 80V HPTR Schottky Rectifier
PT10V80SP PFC-PT10V80SP Datasheet
723Kb / 5P
   10A 80V HPTR Schottky Rectifier
PTR10V80CT PFC-PTR10V80CT Datasheet
773Kb / 7P
   10A 80V HPTR짰 Schottky Rectifier
PT10L80SP PFC-PT10L80SP Datasheet
724Kb / 5P
   10A 80V HPTR Schottky Rectifier
PTS10V80 PFC-PTS10V80 Datasheet
561Kb / 5P
   10A 80V HPTR Schottky Rectifier
PT10L80ES PFC-PT10L80ES Datasheet
653Kb / 6P
   10A 80V HPTR Single Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD10U80SL LUGUANG-SD10U80SL Datasheet
6Mb / 4P
   10A/80V Low VF Schottky Rectifier
logo
PFC Device Inc.
PTR10L80S PFC-PTR10L80S Datasheet
770Kb / 7P
   10A 80V HPTR짰 Single Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD1080SL LUGUANG-SD1080SL Datasheet
11Mb / 4P
   10A/80V Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com