Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB540PH Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # SDB540PH
Description  40V, 5A POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB540PH Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  SDB540PH Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB540PH Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB540PH Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB540PH Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB540PH Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KSD-D0Q008-002
4
Package Outline Dimension
SDB540PH


Similar Part No. - SDB540PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB540PH KODENSHI-SDB540PH Datasheet
301Kb / 5P
   40V, 5A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB540PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB540PH KODENSHI-SDB540PH Datasheet
301Kb / 5P
   40V, 5A POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SK54 UTC-SK54 Datasheet
115Kb / 3P
   5A, 40V SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P5L40B PFC-P5L40B Datasheet
643Kb / 5P
   5A 40V MOS Schottky Rectifier
P5L40F-A PFC-P5L40F-A Datasheet
659Kb / 5P
   5A 40V MOS Schottky Rectifier
PFS5A40 PFC-PFS5A40 Datasheet
563Kb / 5P
   5A 40V MOS Schottky Rectifier
PFS5L40 PFC-PFS5L40 Datasheet
561Kb / 5P
   5A 40V MOS Schottky Rectifier
logo
Sanyo Semicon Device
SBA50-04Y SANYO-SBA50-04Y Datasheet
81Kb / 3P
   40V, 5A Rectifier
SBA50-04J SANYO-SBA50-04J Datasheet
83Kb / 3P
   40V, 5A Rectifier
logo
Shindengen Electric Mfg...
SF5S4 SHINDENGEN-SF5S4 Datasheet
613Kb / 10P
   Schottky Rectifiers (SBD) (40V 5A)
D5SC4MR SHINDENGEN-D5SC4MR Datasheet
593Kb / 11P
   Schottky Rectifiers (SBD) (40V 5A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com