Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB130B Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDB130B
Description  30V, 1A SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB130B Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDB130B Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB130B Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB130B Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB130B Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB130B Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D6B002-003
1
SDB130B
Schottky Barrier Rectifier
TO-252
30V, 1A SCHOTTKY BARRIER RECTIFIER
Features
Low forward voltage drop
Low power loss and High efficiency
Low leakage current
High surge capability
Full lead (Pb)-free and RoHS compliant device
Applications
High efficiency SMPS
Output rectification
High frequency switching
Freewheeling
DC-DC converter systems
Description
The SDB130B is suited for Switch Mode Power Supply and high frequency DC to DC converters.
This device is especially intended for use in low voltage, high frequency inverters, freewheeling and
polarity protection applications.
Ordering Information
Device
Marking Code
Package
Packaging
SDB130B
1A3B
SOD-123
Tape & Reel
Marking Information
1A3B = Specific Device Code
□ = Year & Week Code Marking
= Color band denote cathode
1A3B
SOD-123
Pin Configuration
Pin 1: Cathode
Pin 2: Anode
2
1
2
1


Similar Part No. - SDB130B

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDB130B AUK-SDB130B Datasheet
283Kb / 3P
   Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SDB130B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS1003EJ SANYO-SS1003EJ Datasheet
36Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
SB1003EJ SANYO-SB1003EJ Datasheet
40Kb / 3P
   SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
SB1003M SANYO-SB1003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
SS1003M SANYO-SS1003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
logo
Diodes Incorporated
SDM1100LP DIODES-SDM1100LP Datasheet
438Kb / 5P
   1A SCHOTTKY BARRIER RECTIFIER
SDM1U100S1F DIODES-SDM1U100S1F Datasheet
390Kb / 5P
   1A SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SBS805 SANYO-SBS805 Datasheet
31Kb / 3P
   30V, 1A Rectifier
SBS005 SANYO-SBS005 Datasheet
36Kb / 3P
   30V, 1A Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com