Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB10A40 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDB10A40
Description  Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB10A40 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDB10A40 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB10A40 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB10A40 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB10A40 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB10A40 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. date: 14-SEP-10
KSD-D6A009-000
www.auk.co.kr
1 of 5
SDB10A40
SCHOTTKY RECTIFIER DIODE
Schottky Barrier Rectifier
General Description
The SDB10A40 surface mounted Schottky rectifier has been designed
for applications requiring low forward drop and very small foot prints
on PC boards. Typical applications are in disk drives, switching power
supplies, converters, free-wheeling diodes, battery charging, and reverse
battery protection.
Features and Benefits
 Low forward drop voltage and low reverse leakage current
 Low power rectified
 “Green” device and RoHS compliant device
 Available in full lead (Pb)-free device
Applications
 Portable equipment battery applications
 Switching mode power supplies applications
Ordering Information
Part Number
Marking Code
Package
Packaging
SDB10A40
1A40
SOD-106
Tape & Reel
Marking Information
Pinning Information
Pin
Description
Simplified Outline
Graphic Symbol
1
Cathode
2
Anode
SOD-106
1A40 = Specific Device Code
YWW = Year & Week Code Marking
-. Y = Year Code
-. WW = Week Code
= Color band denote cathode
1 A 4 0
Y W W


Similar Part No. - SDB10A40

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDB10A40 AUK-SDB10A40 Datasheet
243Kb / 4P
   Schottky Barrier Diode
SDB10A40 AUK-SDB10A40 Datasheet
69Kb / 4P
   Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB10A40 KODENSHI-SDB10A40 Datasheet
191Kb / 5P
   Schottky Barrier Rectifier
logo
AUK corp
SDB10A40 AUK-SDB10A40_1 Datasheet
69Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - SDB10A40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com