Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM300DY1-24S Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # RM300DY1-24S
Description  Super Fast Recovery Dual Diode Module 300 Amperes/1200 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

RM300DY1-24S Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  RM300DY1-24S Datasheet HTML 1Page - Powerex Power Semiconductors RM300DY1-24S Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RM300DY1-24S
Super Fast Recovery Dual Diode Module
300 Amperes/1200 Volts

Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
0/07
Absolute Maximum Ratings, Tj=25°Cunlessotherwisespecified
Ratings
Symbol
RM300DY1-24S
Units
Junction Temperature
Tj
–40 to 150
°C
Storage Temperature
Tstg
–40 to 125
°C
Repetitive Peak Reverse Voltage
Vrrm
1200
Volts
Non-repetitive Peak Reverse Voltage
Vrsm
1200
Volts
DC Reverse Voltage
Vr(DC)
960
Volts
Forward Current
IDC
300
Amperes
Mounting Torque, M6 Main Terminal
40
in-lb
Mounting Torque, M6 Mounting
40
in-lb
Weight
400
Grams
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
VISO
2500
Volts
.
Static Electrical Characteristics, Tj=25°Cunlessotherwisespecified
Characteristics
Symbol
TestConditions
Min.
Typ.
Max.
Units
Repetitive Peak Reverse Current
Irrm
Vrm = Vrrm, Tj = 150°C
10
mA
Forward Voltage Drop
VFM
IFM = 300A, tw ≤1ms, Tj = 25°C
3.5
Volts
Reverse Recovery Time
trr
VCC = 600V, IF = 300A, Tj = 25°C,
250
ns
dlF/dt = -6000A/
µs,
Reverse Recovery Charge
Qrr
VGE1 = VGE2 = 15V, RG = 1Ω
13
µC
Inductive Load Switching
Thermal Resistance, Junction to Case
Rth(j-c)
Per IGBT 1/2 Module
0.12
°C/W
TC and Tf Measured Just Under Chips
Contact Thermal Resistance, Case to Fin*
Rth(c-f)
Per 1/2 Module, Thermal Grease Applied
0.04
°C/W
TC and Tf Measured Just Under Chips
*Typical value is measured by using Shin-Etsu Chemical Co., Ltd. "G746"
0
1
3
4
2
5
101
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
103
Tj = 25°C
Tj = 125°C
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
100
10-5
10-4
10-3
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.12°C/W


Similar Part No. - RM300DY1-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM300DG-90S MITSUBISHI-RM300DG-90S Datasheet
79Kb / 4P
   HIGH VOLTAGE DIODE MODULE HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - RM300DY1-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CS641230 POWEREX-CS641230 Datasheet
69Kb / 4P
   Fast Recovery Single Diode Module 300 Amperes/1200 Volts
RM400DY-24S POWEREX-RM400DY-24S Datasheet
803Kb / 4P
   Super Fast Recovery Dual Diode Module 400 Amperes/1200 Volts
RM400HA-24S POWEREX-RM400HA-24S Datasheet
70Kb / 4P
   Super Fast Recovery Single Diode Module (400 Amperes/1200 Volts)
QR1230T30 POWEREX-QR1230T30 Datasheet
106Kb / 3P
   Fast Recovery Diode Module (300 Amp/1200 Volts)
QRD1240R30 POWEREX-QRD1240R30 Datasheet
521Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/1200 Volts
QRF1230R30 POWEREX-QRF1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRC1220R30 POWEREX-QRC1220R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
QRS1220R30 POWEREX-QRS1220R30 Datasheet
450Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
QRD1230R30 POWEREX-QRD1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRJ1220R30 POWEREX-QRJ1220R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com