Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRS171D001 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QRS171D001
Description  1700 Volts Fast Recovery Diode Module 1200 Amps Free Wheeling 700 Amps Average
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRS171D001 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QRS171D001 Datasheet HTML 1Page - Powerex Power Semiconductors QRS171D001 Datasheet HTML 2Page - Powerex Power Semiconductors QRS171D001 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QRS171D001
Powerex, Inc., 173 Pavilion Lane, Youngwood 15697 (724) 925-7272
1700 Volts Fast Recovery Diode Module
www.pwrx.com
1200 Amps Free Wheeling
700 Amps Average
Page 1
03-03-2009
Welding Power Supplies
Description:
Powerex Single Fast Recovery Diode
Module features fast switching is
specially designed for customer
applications. The modules are isolated
for easy mounting with other components
on a common heatsink.
Features:
Fast Recovery Time
Isolated Mounting
Copper Baseplate
Low Thermal Impedance
3000 V Isolating Voltage
Applications:
Switching Power Supplies
Inverters
Choppers
Welding Power Supplies
Free Wheeling Diode
High Frequency Rectifiers
Dim
Inches
Millimeters
A
4.21
107.0
B
3.661
±0.01
93.0
±0.25
C
2.44
62.0
D
1.89
±0.01
48.0
±0.25
E
1.42 Max.
36.0 Max.
G
1.18
30.0
H
1.14
29.0
K
0.94
24.0
Dim
Inches
Millimeters
L
0.93
23.5
N
0.69
17.5
P
0.63
16.0
R
0.43
11.0
T
0.28
7.0
U
0.12
3.0
V
0.26 Dia.
6.5 Dia.
W
M6 Metric
M6


Similar Part No. - QRS171D001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
QRS11 BEL-QRS11 Datasheet
45Kb / 2P
   Satellite Communication
logo
Powerex Power Semicondu...
QRS1220R30 POWEREX-QRS1220R30 Datasheet
450Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
QRS1220T30 POWEREX-QRS1220T30 Datasheet
112Kb / 3P
   Fast Recovery Diode Module (200 Amp/1200 Volts)
QRS1220T30 POWEREX-QRS1220T30_09 Datasheet
74Kb / 3P
   Fast Recovery Diode Module
QRS1240T30 POWEREX-QRS1240T30 Datasheet
108Kb / 3P
   Fast Recovery Diode Module (400 Amp/1200 Volts)
More results

Similar Description - QRS171D001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRS061K001 POWEREX-QRS061K001 Datasheet
237Kb / 3P
   600 Volts Fast Recovery Diode Module 1000 Amps Free Wheeling 420 Amps Average
QRS1450001 POWEREX-QRS1450001 Datasheet
34Kb / 2P
   Fast Recovery Diode Module (500 Amps/1400 Volts)
logo
Naina Semiconductor ltd...
NDD701 NAINA-NDD701 Datasheet
180Kb / 3P
   Diode-Diode Module, 700 Amps
logo
Powerex Power Semicondu...
R7220407 POWEREX-R7220407 Datasheet
764Kb / 4P
   Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
R7S20407 POWEREX-R7S20407 Datasheet
775Kb / 4P
   Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
R9G23512BSOO POWEREX-R9G23512BSOO Datasheet
784Kb / 4P
   Fast Recovery Rectifier 1200 Amperes Average 3600 Volts
R5020210 POWEREX-R5020210 Datasheet
280Kb / 2P
   Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
QR1220T30 POWEREX-QR1220T30 Datasheet
112Kb / 3P
   Fast Recovery Diode Module (200 Amp/1200 Volts)
QR1230T30 POWEREX-QR1230T30 Datasheet
106Kb / 3P
   Fast Recovery Diode Module (300 Amp/1200 Volts)
QR1210T30 POWEREX-QR1210T30 Datasheet
110Kb / 3P
   Fast Recovery Diode Module (100 Amp/1200 Volts)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com