Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC557B Datasheet(PDF) 2 Page - Boca Semiconductor Corporation

Part # BC557B
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

BC557B Datasheet(HTML) 2 Page - Boca Semiconductor Corporation

  BC557B Datasheet HTML 1Page - Boca Semiconductor Corporation BC557B Datasheet HTML 2Page - Boca Semiconductor Corporation BC557B Datasheet HTML 3Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
BC556-558
DESCRIPTION
SYMBOL
TEST CONDITION
VALUE
UNITS
DC Current Gain
hFE
IC=10uA,VCE=5V
A
typ90
B
typ150
C
typ270
IC=2mA,VCE=5V
BC556
75-475
BC557,8
75-800
A
110-220
B
200-450
C
420-800
IC=100mA,VCE=5V
A
typ120
B
typ200
C
typ400
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA,IB=0.5mA
<0.30
V
IC=100mA,IB=5mA
<0.65
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=10mA,IB=0.5mA
typ0.70
V
IC=100mA,IB=5mA
typ0.90
V
Base Emitter on Voltage
VBE(on)
IC=2mA,VCE=5V
0.55-0.70
V
IC=10mA,VCE=5V
<0.82
V
DYNAMIC CHARACTERISTICS
Transistors Frequency
ft
IC=10mA, VCE=5V
typ150
MHz
f=100MHz
Collector out-put Capacitance
Ccbo
VCB=10V, f=1MHz
<6.0
pF
Emitter Input Capacitance
Cib
VEB=0.5V, f=1MHz
typ9.0
pF
Noise Figure
NF
IC=0.2mA, VCE=5V
<10
dB
Rs=2kohm, f=1kHZ
B=200Hz
ALL f=1KHz
Small Signal Current Gain
hfe
IC=2mA, VCE=5V
A
typ220
B
typ330
C
typ600
Input Impedance
hie
IC=2mA, VCE=5V
A
1.6-4.5
khoms
B
3.2-8.5
C
6.0-15
Voltage Feedback Ratio
hre
IC=2mA, VCE=5V
A
typ1.5
X`10-4
B
typ2.0
C
typ3.0
Out put Adimttance
hoe
IC=2mA, VCE=5V
A
<30
umhos
B
<60
C
<110
Continental Device India Limited
Data Sheet
Page 2 of 4
Boca Semiconductor Corp.
BSC
http://www.bocasemi.com


Similar Part No. - BC557B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC557B MOTOROLA-BC557B Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
BC557B MCC-BC557B Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
logo
ON Semiconductor
BC557B ONSEMI-BC557B Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
SHENZHEN YONGERJIA INDU...
BC557B WINNERJOIN-BC557B Datasheet
68Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
BC557B PHILIPS-BC557B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 15
More results

Similar Description - BC557B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907 CDIL-MPS2907 Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559 CDIL-BC559 Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC460 CDIL-BC460 Datasheet
92Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com