Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805YA101DA2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 0805YA101DA2A
Description  C0G (NP0) Dielectric
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805YA101DA2A Datasheet(HTML) 4 Page - AVX Corporation

  0805YA101DA2A Datasheet HTML 1Page - AVX Corporation 0805YA101DA2A Datasheet HTML 2Page - AVX Corporation 0805YA101DA2A Datasheet HTML 3Page - AVX Corporation 0805YA101DA2A Datasheet HTML 4Page - AVX Corporation 0805YA101DA2A Datasheet HTML 5Page - AVX Corporation 0805YA101DA2A Datasheet HTML 6Page - AVX Corporation 0805YA101DA2A Datasheet HTML 7Page - AVX Corporation 0805YA101DA2A Datasheet HTML 8Page - AVX Corporation 0805YA101DA2A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 99 page
background image
3
How to Order
Part Number Explanation
Capacitor Array
EXAMPLE: W2A43C103MAT2A
Low Inductance Capacitors (LICC)
EXAMPLE: 0612ZD105MAT2A
Interdigitated Capacitors (IDC)
EXAMPLE: W3L16D225MAT3A
Low Inductance Decoupling Capacitor Arrays (LICA)
EXAMPLE: LICA3T183M3FC4AA
0612
Size
0306
0508
0612
LD16
LD17
LD18
Z
Voltage
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
5 = 50V
D
Dielectric
C = X7R
D = X5R
105
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
M
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure Rate
A = N/A
T
Terminations
T = Plated Ni
and Sn
B = 5% min
lead
2
Packaging
Available
2 = 7" Reel
4 = 13" Reel
A
Thickness
See Page 64
for Codes
W
Style
W = RoHS
L = SnPb
3
Case
Size
2 = 0508
3 = 0612
L
Low
Inductance
ESL = 50pH
ESL = 60pH
1
Number
of
Terminals
1 = 8 Terminals
6
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
D
Dielectric
C = X7R
D = X5R
225
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
M
Capacitance
Tolerance
M = ±20
T
Termination
T = Plated Ni
and Sn
B = 5% min
Lead
3
Packaging
Available
1=7" Reel
3=13" Reel
A
Thickness
Max. Thickness
mm (in.)
A=0.95 (0.037)
S=0.55 (0.022)
A
Failure
Rate
A = N/A
LICA
Style
&
Size
3
Voltage
5V = 9
10V = Z
25V = 3
T
Dielectric
D = X5R
T = T55T
S = High K
T55T
102
Cap/Section
(EIA Code)
102 = 1000 pF
103 = 10 nF
104 = 100 nF
M
Capacitance
Tolerance
M = ±20%
P = GMV
3
Height
Code
6 = 0.500mm
3 = 0.650mm
1 = 0.875mm
5 = 1.100mm
7 = 1.600mm
F
Termination
F = C4 Solder
Balls- 97Pb/3Sn
H = C4 Solder
Balls–Low ESR
P = Cr-Cu-Au
N = Cr-Ni-Au
X = None
C
Reel Packaging
M = 7" Reel
R = 13" Reel
6 = 2"x2" Waffle Pack
8 = 2"x2" Black Waffle
Pack
7 = 2"x2" Waffle Pack
w/ termination
facing up
A = 2"x2" Black Waffle
Pack
w/ termination
facing up
C = 4"x4" Waffle Pack
w/ clear lid
A
Inspection
Code
A = Standard
B = Established
Reliability
Testing
A
Code
Face
A = Bar
B = No Bar
C = Dot, S55S
Dielectrics
D = Triangle
4
# of
Caps/Part
1 = one
2 = two
4 = four
W
Style
W = RoHS
L = SnPb
2
Case
Size
1 = 0405
2 = 0508
3 = 0612
A
Array
4
Number
of Caps
3
Voltage
Z = 10V
Y = 16V
3 = 25V
5 = 50V
1 = 100V
C
Dielectric
A = NP0
C = X7R
D = X5R
103
Capacitance
Code (In pF)
2 Sig Digits +
Number of
Zeros
M
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
2A
Packaging &
Quantity
Code
2A = 7" Reel
(4000)
4A = 13" Reel
(10000)
2F = 7" Reel
(1000)
T
Termination
Code
T = Plated Ni and Sn
Z = FLEXITERM®
B = 5% min lead
X = FLEXITERM®
with 5% min lead
A
Failure
Rate
A = Commercial
4 = Automotive
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
NOTE: Contact factory for availability of Termination and
Tolerance Options for Specific Part Numbers.


Similar Part No. - 0805YA101DA2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805YA101DA72A AVX-0805YA101DA72A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
0805YA101DA72A AVX-0805YA101DA72A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
0805YA101DA72A AVX-0805YA101DA72A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
logo
List of Unclassifed Man...
0805YA101DA72A ETC2-0805YA101DA72A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
logo
AVX Corporation
0805YA101DA72A AVX-0805YA101DA72A Datasheet
134Kb / 4P
   General Specifications
More results

Similar Description - 0805YA101DA2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7KAT2A AVX-04025A4R7KAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A3R9D4T2A AVX-06031A3R9D4T2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3BAT2A AVX-06031A4R3BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3CAT2A AVX-06031A4R3CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R2CAT2A AVX-04023A2R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R7BAT2A AVX-04023A2R7BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A3R3DAT2A AVX-04023A3R3DAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com