Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM0280B15 Datasheet(PDF) 5 Page - AZ Displays

Part # ATM0280B15
Description  LIQUID CRYSTAL DISPLAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0280B15 Datasheet(HTML) 5 Page - AZ Displays

  ATM0280B15 Datasheet HTML 1Page - AZ Displays ATM0280B15 Datasheet HTML 2Page - AZ Displays ATM0280B15 Datasheet HTML 3Page - AZ Displays ATM0280B15 Datasheet HTML 4Page - AZ Displays ATM0280B15 Datasheet HTML 5Page - AZ Displays ATM0280B15 Datasheet HTML 6Page - AZ Displays ATM0280B15 Datasheet HTML 7Page - AZ Displays ATM0280B15 Datasheet HTML 8Page - AZ Displays ATM0280B15 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ATM0280B15(AZ DISPLAYS) TFT MODULE V1.2
AZ DISPLAYS
4
2. PIN ASSIGNMENT
TFT LCD Panel Driving Section
FPC Connector is used for the module electronics interface. The recommended model is
“04 6240 050" series manufactured by Kyocera.
Pin No.
Symbol
Function
Level
Note
1
ID
Maker’s identification, default “H”
O
2
VSSD
Digital ground
P
3
IOVCC
Digital IO pad power supply
P
4
VSSA
Analog ground
P
5
VCI
Analog power supply
P
6
VSYNC
Vertical sync
I
7
HSYNC
Horizontal sync
I
8
ENABLE
Data enable
I
9DOTCLK
Dot clock
I
10
DNC
Data/register select
I
11
NRESET
System reset
I
12
SDI
Serial data input
I
13
NWR_SCL
Write enable / Serial clock input
I
14
NRD
Read enable
I
15
NCS
Chip select
I
16
TE
Tearing effect output
O
17-34
D0-D17
Data line, refer to IC spec for
detailed connection method
I/O
35
SDO
Serial data output
O
36-41
NC
No connection
--
42
IM3
Interface select, refer to IC spec
for detailed information
I
43
IM2
44
IM1
45
IM0
46
VLED(K4)
Power supply for LED(-)
P
47
VLED(K3)
Power supply for LED(-)
P
48
VLED(K2)
Power supply for LED(-)
P
49
VLED(K1)
Power supply for LED(-)
P
50
VLED(A)
Power supply for LED(+)
P
I: input, O: output, P: Power


Similar Part No. - ATM0280B15

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0280B17-T AZDISPLAYS-ATM0280B17-T Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0280B15

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com