Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGM3224N Datasheet(PDF) 5 Page - AZ Displays

Part # AGM3224N
Description  LIQUID CRYSTAL DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AGM3224N Datasheet(HTML) 5 Page - AZ Displays

  AGM3224N Datasheet HTML 1Page - AZ Displays AGM3224N Datasheet HTML 2Page - AZ Displays AGM3224N Datasheet HTML 3Page - AZ Displays AGM3224N Datasheet HTML 4Page - AZ Displays AGM3224N Datasheet HTML 5Page - AZ Displays AGM3224N Datasheet HTML 6Page - AZ Displays AGM3224N Datasheet HTML 7Page - AZ Displays AGM3224N Datasheet HTML 8Page - AZ Displays AGM3224N Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4.1. LED Back-light Electrical Specification
---- - Wh ite L E D B ack-light Ch aracteri stics -----
Par ameter
Sym bol
C ondition
M in
Typ
M ax
Unit
Note
Forward Voltage
VF
--
--
3.2
3.5
V
Supply Voltage
between A&K
Forward Current
IF
VF=3.2V
--
120
--
mA
Bare LED Luminous intensity VF=3.2V
--
60
--
cd/m2
LCM Luminous intensity
VF=3.2V
--
12
--
cd/m2
A
K
4.2. Touch Panel Electrical Specification
Para meter
Con
dition
Standard Value
X Axis
250 ~ 700
Terminal Resistance
Y Axis
250 ~ 850
Insulating Resistance
DC 25 V
More than 10M
Linearity
--
1.0 %
In terf ace
No.
Sym
bol
F unction
1
XR
Touch Panel Right Signal in X Axis
2
YT
Touch Panel Top Signal in Y Axis
3
XL
Touch Panel Left Signal in X Axis
4
YB
Touch Panel Bottom Signal in Y Axis
* LED Dice number = 8
AZ Displays, Inc.
Page 04


Similar Part No. - AGM3224N

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM3224C AZDISPLAYS-AGM3224C Datasheet
853Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224D AZDISPLAYS-AGM3224D Datasheet
394Kb / 14P
   LCD MODULE
AGM3224D AZDISPLAYS-AGM3224D Datasheet
1Mb / 17P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224D AZDISPLAYS-AGM3224D_05 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224E AZDISPLAYS-AGM3224E Datasheet
558Kb / 12P
   LCD MODULE
More results

Similar Description - AGM3224N

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com