Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGM3224L Datasheet(PDF) 3 Page - AZ Displays

Part # AGM3224L
Description  LIQUID CRYSTAL DISPLAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AGM3224L Datasheet(HTML) 3 Page - AZ Displays

  AGM3224L Datasheet HTML 1Page - AZ Displays AGM3224L Datasheet HTML 2Page - AZ Displays AGM3224L Datasheet HTML 3Page - AZ Displays AGM3224L Datasheet HTML 4Page - AZ Displays AGM3224L Datasheet HTML 5Page - AZ Displays AGM3224L Datasheet HTML 6Page - AZ Displays AGM3224L Datasheet HTML 7Page - AZ Displays AGM3224L Datasheet HTML 8Page - AZ Displays AGM3224L Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
4 ELECTRO-OPTI
C AL CHARACTERI
STI CS
Par ameter
Sym bol
C ondition
M in
Typ
M ax
Unit
Note
---- - E lectronic Ch aract eristics -----
L ogic Circ uit
Supply Voltage
VDD-VSS
--
3.3
--
5.5
V
L CD D riving
Voltage
VDD-VO
25 °C
22.8
24.0
25.2
V
V IH
--
0.7 VDD
--
VDD
V
Input Voltage
V IL
--
VSS
--
0.3 VDD
V
L ogic Supply
Current
IDD
VDD = 5V
--
40
--
mA
---- - O ptical Ch aract eri stics --- --
Contrast
CR
FSTN type
--
8
--
Note 1
Rise T ime
tr
25°C
--
1 10
170
ms
Fall T ime
tf
25°C
--
1 10
170
ms
Note 2
q f
--
40
--
q b
--
35
--
q l
--
35
--
Viewing Angle
Range
q r
25°C &
CR ³2
--
35
--
Deg.
Note 3
Frame Frequency
fF
25°C
--
64
--
Hz
(NOTE 1) Contrast r atio :
CR = (B rightness in OFF state) / (B rightness in ON state)
( NOTE 2 ) Respons e time :
AZ Displays, Inc.
Page 02


Similar Part No. - AGM3224L

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM3224C AZDISPLAYS-AGM3224C Datasheet
853Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224D AZDISPLAYS-AGM3224D Datasheet
394Kb / 14P
   LCD MODULE
AGM3224D AZDISPLAYS-AGM3224D Datasheet
1Mb / 17P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224D AZDISPLAYS-AGM3224D_05 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224E AZDISPLAYS-AGM3224E Datasheet
558Kb / 12P
   LCD MODULE
More results

Similar Description - AGM3224L

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com