Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQCBEA100DAT1A Datasheet(PDF) 6 Page - AVX Corporation

Part # SQCBEA100DAT1A
Description  SQ A Case & B Case Ultra Low ESR MLC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SQCBEA100DAT1A Datasheet(HTML) 6 Page - AVX Corporation

  SQCBEA100DAT1A Datasheet HTML 1Page - AVX Corporation SQCBEA100DAT1A Datasheet HTML 2Page - AVX Corporation SQCBEA100DAT1A Datasheet HTML 3Page - AVX Corporation SQCBEA100DAT1A Datasheet HTML 4Page - AVX Corporation SQCBEA100DAT1A Datasheet HTML 5Page - AVX Corporation SQCBEA100DAT1A Datasheet HTML 6Page - AVX Corporation SQCBEA100DAT1A Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
124
8
Microwave MLC’s
SQ A Case & B Case Ultra Low ESR MLC
SQCB Max Current
0.1
1
10
100
10
100
1000
10000
Frequency (Mhz)
4.7pF
10pF
22pF
100pF
1000pF
SQCA Max Current
0.01
0.1
1
10
10
100
1000
10000
Frequency (Mhz)
1pF
4.7pF
10pF
22pF
100pF


Similar Part No. - SQCBEA100DAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
More results

Similar Description - SQCBEA100DAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB7M390JATME AVX-SQCB7M390JATME Datasheet
914Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
logo
Vishay Siliconix
VS-GB300LH120N VISHAY-VS-GB300LH120N Datasheet
164Kb / 7P
   Low inductance case
Revision: 12-Jun-15
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
DLA13008 VISHAY-DLA13008 Datasheet
285Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated Case, Ultra Low ESR, DLA Approved
Revision: 26-Jan-16
logo
Illinois Capacitor, Inc...
102YXB300KD ILLINOISCAPACITOR-102YXB300KD Datasheet
232Kb / 3P
   Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com