Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQCBVC100CAT1A Datasheet(PDF) 1 Page - AVX Corporation

Part # SQCBVC100CAT1A
Description  SQ A Case & B Case Ultra Low ESR MLC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SQCBVC100CAT1A Datasheet(HTML) 1 Page - AVX Corporation

  SQCBVC100CAT1A Datasheet HTML 1Page - AVX Corporation SQCBVC100CAT1A Datasheet HTML 2Page - AVX Corporation SQCBVC100CAT1A Datasheet HTML 3Page - AVX Corporation SQCBVC100CAT1A Datasheet HTML 4Page - AVX Corporation SQCBVC100CAT1A Datasheet HTML 5Page - AVX Corporation SQCBVC100CAT1A Datasheet HTML 6Page - AVX Corporation SQCBVC100CAT1A Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
119
8
SQ
AVX Style
CB
Case Size
CA = *
CB = *
* See mechanical
dimensions
below
7
Voltage
Code
5 = 50V
1 = 100V
E = 150V
2 = 200V
V = 250V
9 = 300V
7 = 500V
M
100
J
A
Failure Rate
Code
A = Not
Applicable
T1A
Microwave MLC’s
SQ A Case & B Case Ultra Low ESR MLC
FEATURES:
• Low ESR
• High Q
• High Self Resonance
• Capacitance Range 0.1 pF to 5100 pF
• 175ºC Capability SQCB
APPLICATIONS:
• RF Power Amplifiers
• Low Noise Amplifiers
• Filter Networks
• MRI Systems
HOW TO ORDER
Temperature
Coefficient Code
M = +90±20ppm/°C
A = 0±30ppm/°C
C = 15% (“J” Termination only)
Termination Style Code
**1 = Pd/Ag
**7 = Ag/Ni/Au
J = Nickel Barrier Sn/Pb
(60/40)
**T = 100% Tin
H = Cu/Sn (Non-Magnetic)
Capacitance
Tolerance Code
B = ±.1 pF
C = ±.25 pF
D = ±.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
N = ±30%
Capacitance
EIA Capacitance Code in pF.
First two digits = significant
figures or “R” for decimal
place.
Third digit = number of zeros
or after “R” significant figures.
TAPE & REEL: All tape and reel specifications are in compliance with EIA RS481 (equivalent to IEC 286 part 3).
—8mm carrier
—7" reel: SQCA/SQCB = 1000 pcs
WAFFLE PACK
SQCA 100 pcs
SQCB 100 pcs
Packaging Code
1A = 7" Reel Unmarked
6A = Waffle Pack Unmarked
ME = 7" Reel Marked
WE = Waffle Pack Marked
* Vertical T&R available
Case
Length (L)
Width (W)
Thickness (T)
Band Width (bw)
SQCA*
.055 + .015 - .010
.055±.015
.020/.057
.010 + .010 -.005
(1.40+ .381 - .254)
(1.40±.381)
(.508/1.45)
(.254 +.254 -.127)
SQCB*
.110 + .020 - .010
.110±.010
.030/.102
.015±.010
(2.79 +.508 -.254)
(2.79±.254)
(.762/2.59)
(.381±.254)
MECHANICAL DIMENSIONS: inches (millimeters)
L
W
T
bw
**RoHS compliant
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.


Similar Part No. - SQCBVC100CAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB1A100BA11A AVX-SQCB1A100BA11A Datasheet
914Kb / 7P
   Microwave MLCs
SQCB1A100BA16A AVX-SQCB1A100BA16A Datasheet
914Kb / 7P
   Microwave MLCs
SQCB1A100BA71A AVX-SQCB1A100BA71A Datasheet
914Kb / 7P
   Microwave MLCs
SQCB1A100BA76A AVX-SQCB1A100BA76A Datasheet
914Kb / 7P
   Microwave MLCs
SQCB1A100BAJ1A AVX-SQCB1A100BAJ1A Datasheet
914Kb / 7P
   Microwave MLCs
More results

Similar Description - SQCBVC100CAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB7M390JATME AVX-SQCB7M390JATME Datasheet
914Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
logo
Vishay Siliconix
VS-GB300LH120N VISHAY-VS-GB300LH120N Datasheet
164Kb / 7P
   Low inductance case
Revision: 12-Jun-15
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
DLA13008 VISHAY-DLA13008 Datasheet
285Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated Case, Ultra Low ESR, DLA Approved
Revision: 26-Jan-16
logo
Illinois Capacitor, Inc...
102YXB300KD ILLINOISCAPACITOR-102YXB300KD Datasheet
232Kb / 3P
   Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com