Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBH-8114 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QBH-8114
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QBH-8114 Datasheet(HTML) 1 Page - API Technologies Corp

  QBH-8114 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL
QBH-8114
Available as: QBH-8114, Hybrid SM (E52-19422)
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................-55ºC to +125 ºC
Storage Temperature .................................-65ºC to +150 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +12 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
High Gain: 14.4 dB Typical
High Power: +7 dBm Typical
Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 400 MHz
Power
Vdc
+5
mA
25
Noise Figure (dB)
3.0
VSWR
In
1.5:1
Out
1.6:1
Reverse Isolation (dB)
-24
Gain (dB)
14.4
Gain Flatness
0.6
Output Intercept Point
3rd Order
+20
2nd Order
+30
Gain vs. Temperature
1 dB Compression (dBm)
+7
±0.6
Typical Performance Data
Note: Specifications are guaranteed when tested in a 50 Ohm system.
Specifications indicated as typical are not guaranteed.
Rev.
6/10/10
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
10
100
150
200
300
400
-30.5
-36.2
-31.6
-27.8
-22.2
-17.6
145.9
-2.5
-45.8
-73.6
-119.4
-154.8
14.6
14.6
14.6
14.7
14.7
14.8
-178.0
154.3
141.3
128.4
102.1
74.7
-44.0
-35.7
-32.8
-30.5
-27.2
-24.9
33.5
52.3
48.2
44.2
32.5
17.4
-27.3
-28.3
-24.4
-21.6
-17.4
-14.3
87.5
-92.1
-102.5
-110.9
-129.3
-150.9
===================================================================
12
16
15
13
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation
distortion (dBm)
17
-70
-20
-40
-60
-50
-30
-10
10
100
MHz
6
10
8
7
9
1.4
1.2
1.1
1.3
1.5
24
22
20
21
26
23
3.0
0.0
4.0
2.0
Noise Figure (dB)
1.0
1.0
5.0
25
11
6.0
18
1.6
Input
Output
14
10
100
MHz
10
100
MHz
1 0
100
MHz
10
100
MHz
1 0
100
MHz
12
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - QBH-8114

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
QBH-8114 SPECTRUM-QBH-8114 Datasheet
38Kb / 1P
   RF AMPLIFIER
More results

Similar Description - QBH-8114

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com