Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ30604RKGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ30604RKGR
Description  4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30604RKGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMZ30604RKGR Datasheet HTML 7Page - Texas Instruments LMZ30604RKGR Datasheet HTML 8Page - Texas Instruments LMZ30604RKGR Datasheet HTML 9Page - Texas Instruments LMZ30604RKGR Datasheet HTML 10Page - Texas Instruments LMZ30604RKGR Datasheet HTML 11Page - Texas Instruments LMZ30604RKGR Datasheet HTML 12Page - Texas Instruments LMZ30604RKGR Datasheet HTML 13Page - Texas Instruments LMZ30604RKGR Datasheet HTML 14Page - Texas Instruments LMZ30604RKGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LMZ30604
www.ti.com
SNVS998 – JULY 2013
Table 4. Output Voltage Transient Response
CIN1 = 1 x 47 µF CERAMIC, CIN2 = 220 µF POLYMER-TANTALUM, LOAD STEP = 2 A, 1 A/µs
VOLTAGE
RECOVERY TIME
VOUT (V)
VIN (V)
COUT1 Ceramic
COUT2 BULK
PEAK-PEAK (mV)
DEVIATION (mV)
(µs)
47 µF
100 µF
50
95
60
3.3
47 µF
330 µF
45
85
70
0.8
47 µF
100 µF
45
85
50
5
47 µF
330 µF
40
75
65
47 µF
100 µF
70
130
80
3.3
47 µF
330 µF
55
100
80
1.2
47 µF
100 µF
60
110
65
5
47 µF
330 µF
50
90
80
47 µF
100 µF
95
185
90
3.3
47 µF
330 µF
75
140
110
1.8
47 µF
100 µF
80
160
70
5
47 µF
330 µF
65
125
90
47 µF
100 µF
100
200
80
2.5
5
2x 47 µF
-
140
270
90
47 µF
100 µF
130
255
100
3.3
5
47 µF
-
200
400
120
Table 5. Recommended Input/Output Capacitors(1)
CAPACITOR CHARACTERISTICS
WORKING
VENDOR
SERIES
PART NUMBER
CAPACITANCE
ESR (2)
VOLTAGE
(µF)
(m
Ω)
(V)
Murata
X5R
GRM32ER61C476K
16
47
2
TDK
X5R
C3225X5R0J107M
6.3
100
2
Murata
X5R
GRM32ER60J107M
6.3
100
2
TDK
X5R
C3225X5R0J476K
6.3
47
2
Murata
X5R
GRM32ER60J476M
6.3
47
2
Sanyo
POSCAP
10TPE220ML
10
220
25
Kemet
T520
T520V107M010ASE025
10
100
25
Sanyo
POSCAP
6TPE100MPB
6.3
100
25
Sanyo
POSCAP
2R5TPE220M7
2.5
220
7
Kemet
T530
T530D227M006ATE006
6.3
220
6
Kemet
T530
T530D337M006ATE010
6.3
330
10
Sanyo
POSCAP
2TPF330M6
2.0
330
6
Sanyo
POSCAP
6TPE330MFL
6.3
330
15
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements.
(2)
Maximum ESR @ 100kHz, 25°C.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ30604


Similar Part No. - LMZ30604RKGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30604RKGR TI1-LMZ30604RKGR Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results

Similar Description - LMZ30604RKGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com