Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ30602RKGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ30602RKGR
Description  2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30602RKGR Datasheet(HTML) 5 Page - Texas Instruments

  LMZ30602RKGR Datasheet HTML 1Page - Texas Instruments LMZ30602RKGR Datasheet HTML 2Page - Texas Instruments LMZ30602RKGR Datasheet HTML 3Page - Texas Instruments LMZ30602RKGR Datasheet HTML 4Page - Texas Instruments LMZ30602RKGR Datasheet HTML 5Page - Texas Instruments LMZ30602RKGR Datasheet HTML 6Page - Texas Instruments LMZ30602RKGR Datasheet HTML 7Page - Texas Instruments LMZ30602RKGR Datasheet HTML 8Page - Texas Instruments LMZ30602RKGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LMZ30602
www.ti.com
SNVS997 – JULY 2013
PIN DESCRIPTIONS
TERMINAL
DESCRIPTION
NAME
NO.
1
Zero VDC reference for the analog control circuitry. These pins should be connected directly to the PCB
5
analog ground plane. Not all pins are connected together internally. All pins must be connected together
AGND
29
externally with a copper plane or pour directly under the module. Connect the AGND copper area to the
PGND copper area at a single point; directly at the pin 37 PowerPAD using multiple vias. See the
33
recommended layout in Figure 36.
34
This pad provides both an electrical and thermal connection to the PCB. This pad should be connected
PowerPAD
directly to the PCB power ground plane using multiple vias for good electrical and thermal performance. The
37
(PGND)
same vias should also be used to connect to the PCB analog ground plane. See the recommended layout in
Figure 36.
2
3
Do Not Connect. Do not connect these pins to AGND, to another DNC pin, or to any other voltage. These
DNC
15
pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
16
26
Inhibit and UVLO adjust pin. Use an open drain or open collector output logic to control the INH function. A
INH/UVLO
28
resistor between this pin and AGND adjusts the UVLO voltage.
17
18
19
20
21
Phase switch node. These pins should be connected by a small copper island under the device for thermal
PH
relief. Do not connect any external component to this pin or tie it to a pin of another function.
22
23
24
25
39
PWRGD
27
Power good fault pin. Asserts low if the output voltage is out of tolerance. A pull-up resistor is required.
This pin automatically selects between RT mode and CLK mode. An external timing resistor adjusts the
RT/CLK
4
switching frequency of the device. In CLK mode, the device synchronizes to an external clock.
Remote sense connection. Connect this pin to VOUT at the load for improved regulation. This pin must be
SENSE+
36
connected to VOUT at the load, or at the module pins.
Slow-start and tracking pin. Connecting an external capacitor to this pin adjusts the output voltage rise time.
SS/TR
6
A voltage applied to this pin allows for tracking and sequencing control.
Slow-start or track feature select. Connect this pin to AGND to enable the internal SS capacitor with a SS
STSEL
7
interval of approximately 1.1 ms. Leave this pin open to enable the TR feature.
VADJ
35
Connecting a resistor between this pin and AGND sets the output voltage above the 0.8V default voltage.
30
The positive input voltage power pins, which are referenced to PGND. Connect external input capacitance
VIN
31
between these pins and the PGND plane, close to the device.
32
8
9
10
11
VOUT
Output voltage. Connect output capacitors between these pins and the PGND plane, close to the device.
12
13
14
38
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ30602


Similar Part No. - LMZ30602RKGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30602RKGR TI-LMZ30602RKGR Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Similar Description - LMZ30602RKGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com