Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3D107M010E0100 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TR3D107M010E0100
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3D107M010E0100 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TR3D107M010E0100 Datasheet HTML 4Page - Vishay Siliconix TR3D107M010E0100 Datasheet HTML 5Page - Vishay Siliconix TR3D107M010E0100 Datasheet HTML 6Page - Vishay Siliconix TR3D107M010E0100 Datasheet HTML 7Page - Vishay Siliconix TR3D107M010E0100 Datasheet HTML 8Page - Vishay Siliconix TR3D107M010E0100 Datasheet HTML 9Page - Vishay Siliconix TR3D107M010E0100 Datasheet HTML 10Page - Vishay Siliconix TR3D107M010E0100 Datasheet HTML 11Page - Vishay Siliconix TR3D107M010E0100 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TR3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40080
60
Revision: 20-Feb-09
16 VDC at + 85 °C, 10 VDC at + 125 °C
150
D
TR3D157(1)016(2)0400
24.0
8
0.400
0.61
150
D
TR3D157(1)016(2)0150
24.0
8
0.150
1.00
150
D
TR3D157(1)016(2)0125
24.0
8
0.125
1.10
150
D
TR3D157(1)016(2)0100
24.0
8
0.100
1.22
150
D
TR3D157(1)016(2)0085
24.0
8
0.085
1.33
150
D
TR3D157(1)016(2)0075
24.0
8
0.075
1.41
150
D
TR3D157(1)016(2)0060
24.0
8
0.060
1.58
150
E
TR3E157(1)016(2)0400
24.0
8
0.400
0.61
150
E
TR3E157(1)016(2)0150
24.0
8
0.150
1.05
150
E
TR3E157(1)016(2)0100
24.0
8
0.100
1.28
150
E
TR3E157(1)016(2)0075
24.0
8
0.075
1.48
150
E
TR3E157(1)016(2)0060
24.0
8
0.060
1.66
220
E
TR3E227(1)016(2)0150
35.2
14
0.150
1.05
220
E
TR3E227(1)016(2)0125
35.2
14
0.125
1.15
220
E
TR3E227(1)016(2)0100
35.2
14
0.100
1.28
20 VDC at + 85 °C, 13 VDC at + 125 °C
1.0
A
TR3A105(1)020(2)5500
0.5
4
5.500
0.12
1.0
A
TR3A105(1)020(2)3000
0.5
4
3.000
0.16
2.2
A
TR3A225(1)020(2)4000
0.5
6
4.000
0.14
3.3
A
TR3A335(1)020(2)4000
0.7
6
4.000
0.14
4.7
A
TR3A475(1)020(2)3500
0.9
6
3.500
0.15
4.7
A
TR3A475(1)020(2)1800
0.9
6
1.800
0.20
4.7
B
TR3B475(1)020(2)1000
0.9
6
1.000
0.29
6.8
A
TR3A685(1)020(2)3200
1.4
6
3.200
0.15
6.8
A
TR3A685(1)020(2)3000
1.4
6
3.000
0.16
6.8
A
TR3A685(1)020(2)2600
1.4
6
2.600
0.17
6.8
B
TR3B685(1)020(2)1000
1.4
6
1.000
0.29
10
B
TR3B106(1)020(2)1000
2.0
6
1.000
0.29
10
C
TR3C106(1)020(2)0700
2.0
6
0.700
0.40
10
C
TR3C106(1)020(2)0500
2.0
6
0.500
0.40
10
C
TR3C106(1)020(2)0475
2.0
6
0.475
0.47
10
C
TR3C106(1)020(2)0450
2.0
6
0.450
0.49
10
C
TR3C106(1)020(2)0400
2.0
6
0.400
0.52
15
B
TR3B156(1)020(2)1000
3.0
6
1.000
0.29
15
C
TR3C156(1)020(2)0400
3.0
6
0.400
0.52
22
B
TR3B226(1)020(2)0800
4.4
6
0.800
0.33
22
B
TR3B226(1)020(2)0600
4.4
6
0.600
0.38
22
C
TR3C226(1)020(2)0400
4.4
6
0.400
0.52
22
C
TR3C226(1)020(2)0375
4.4
6
0.375
0.54
22
D
TR3D226(1)020(2)0300
4.4
6
0.300
0.71
22
D
TR3D226(1)020(2)0225
3.5
4
0.225
0.82
33
C
TR3C336(1)020(2)0350
6.6
6
0.350
0.56
33
C
TR3C336(1)020(2)0300
6.6
6
0.300
0.60
33
C
TR3C336(1)020(2)0200
6.6
6
0.200
0.74
33
D
TR3C336(1)020(2)0400
6.6
6
0.400
0.52
33
D
TR3D336(1)020(2)0250
6.6
6
0.250
0.77
33
D
TR3D336(1)020(2)0200
6.6
6
0.200
0.87
Notes
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - TR3D107M010E0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3D107M010E0100 VISHAY-TR3D107M010E0100 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
More results

Similar Description - TR3D107M010E0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
TR3A106K016C1700 VISHAY-TR3A106K016C1700 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D227X9010E2TE3 VISHAY-593D227X9010E2TE3 Datasheet
105Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com