Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14006XDDCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14006XDDCT
Description  SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14006XDDCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMR14006XDDCT Datasheet HTML 3Page - Texas Instruments LMR14006XDDCT Datasheet HTML 4Page - Texas Instruments LMR14006XDDCT Datasheet HTML 5Page - Texas Instruments LMR14006XDDCT Datasheet HTML 6Page - Texas Instruments LMR14006XDDCT Datasheet HTML 7Page - Texas Instruments LMR14006XDDCT Datasheet HTML 8Page - Texas Instruments LMR14006XDDCT Datasheet HTML 9Page - Texas Instruments LMR14006XDDCT Datasheet HTML 10Page - Texas Instruments LMR14006XDDCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
GND
SW
CB
VIN
FB
SHDN
HS
Driver
EA
0.765V
Bootstrap
Regulator
Frequency
Shift
Bandgap Ref
Main OSC
Logic &
PWM Latch
PWM
Comparator
+
±
Leading Edge
Blanking
™
Slope
Compensation
COMP
SS
+
+
±
Fixed 5V Option
LMR14003, LMR14006
www.ti.com
SNVSA10 – NOVEMBER 2013
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, TA = 25°C, unless otherwise specified.
Short Circuit to Ground (5V)
Load Transient Waveform (50mA to 300mA)
Figure 14.
Figure 15.
INTERNAL FUNCTIONAL BLOCKS
Figure 16.
DETAILED DESCRIPTION
The LMR14003/6 device is a 40V, 300mA/600mA, step-down (buck) converter. The buck regulator has a very
low quiescent current during light load to prolong the battery life.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMR14003 LMR14006


Similar Part No. - LMR14006XDDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14006XDDCT TI1-LMR14006XDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
More results

Similar Description - LMR14006XDDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com