Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3697 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3697
Description  High-Efficiency Three-String White LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3697 Datasheet(HTML) 3 Page - Texas Instruments

  LM3697 Datasheet HTML 1Page - Texas Instruments LM3697 Datasheet HTML 2Page - Texas Instruments LM3697 Datasheet HTML 3Page - Texas Instruments LM3697 Datasheet HTML 4Page - Texas Instruments LM3697 Datasheet HTML 5Page - Texas Instruments LM3697 Datasheet HTML 6Page - Texas Instruments LM3697 Datasheet HTML 7Page - Texas Instruments LM3697 Datasheet HTML 8Page - Texas Instruments LM3697 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM3697
www.ti.com
SNOSCS2A – NOVEMBER 2013 – REVISED DECEMBER 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VIN to GND
−0.3V to +6V
VSW, VOVP, VHVLED1, VHVLED2, VHVLED3 to GND
−0.3V to +45V
VSCL, VSDA, VPWM to GND
−0.3V to +6V
VHWEN to GND
−0.3V to +6V
Continuous Power Dissipation
Internally Limited
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
− 65°C to +150°C
Maximum Lead Temperature (Soldering)
(3)
ESD Rating
Human Body Model (4)
2.0kV
Charged Device Model (5)
1500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
For detailed soldering specifications and information, please refer to Texas Instruments Application Note 1112: DSBGA Wafer Level
Chip Scale Package (SNVA009) available at www.ti.com.
(4)
ESD Human Body Model, ESD-HBM JESD22-A114.
(5)
ESD Charged Device Model, ESD-CDM JESD22-C101.
OPERATING RATINGS
(1) (2)
VIN to GND
2.7V to 5.5V
VSW, VOVP, VHVLED1, VVHLED2, VHVLED3 to GND
0V to +40V
Junction Temperature Range (TJ)
(3) (4)
−40°C to +125°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=+140°C (typ.) and
disengages at TJ=+125°C (typ.).
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
+125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
THERMAL PROPERTIES
Thermal Resistance Junction to Ambient (
θJA)
(1)
55.3°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2 x 1 array
of thermal vias. The ground plane on the board is 50 mm x 50 mm. Thickness of copper layers are 36 µm/18 µm/18 µm/36 µm (1.5
oz/1oz/1oz/1.5 oz). Ambient temperature in simulation is 22°C in still air. Power dissipation is 1W. The value of
θJA of this product in the
DSBGA package could fall in a range as wide as 60°C/W to 110°C/W (if not wider), depending on PCB material, layout, and
environmental conditions. In applications where high maximum power dissipation exists special care must be paid to thermal dissipation
issues.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3697


Similar Part No. - LM3697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697YFQR TI1-LM3697YFQR Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697YFQR TI1-LM3697YFQR Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
More results

Similar Description - LM3697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
logo
Silicon Mitus, Inc.
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
   High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com