Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3263TME/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263TME/NOPB
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263TME/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM3263TME/NOPB Datasheet HTML 1Page - Texas Instruments LM3263TME/NOPB Datasheet HTML 2Page - Texas Instruments LM3263TME/NOPB Datasheet HTML 3Page - Texas Instruments LM3263TME/NOPB Datasheet HTML 4Page - Texas Instruments LM3263TME/NOPB Datasheet HTML 5Page - Texas Instruments LM3263TME/NOPB Datasheet HTML 6Page - Texas Instruments LM3263TME/NOPB Datasheet HTML 7Page - Texas Instruments LM3263TME/NOPB Datasheet HTML 8Page - Texas Instruments LM3263TME/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LM3263
SNVS837A – JUNE 2013 – REVISED AUGUST 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VBATT Pins to GND (PVIN, SVDD, PACB to PGND, SGND, BGND)
−0.2V to +6.0V
FB, SW, GPO1, ACB, VIO, SDATA, SCLK
(GND-0.2V) to (VIN+0.2V) w/ 6.0V max
Continuous power dissipation
Internally Limited
(3)
Maximum operating junction temperature (TJ-MAX)
+150°C
Storage temperature range
−65°C to +150°C
Maximum lead temperature
(Soldering 10 sec.)
+260°C
ESD rating(4) (5)
Human Body Model
1kV
Charged-Device Model
250V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 125°C (typ.).
(4)
The Human Body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7)
(5)
Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper ESD
handling procedure can result in damage.
OPERATING RATINGS
(1)
Input voltage range PVIN, SVDD, PACB
2.7V to 5.5V
Input voltage range VIO
1.65V to 1.95V
Recommended current load
0 to 2.5A
Junction temperature (TJ) range
−30°C to +125°C
Ambient temperature (TA) range
(2)
−30°C to +90°C
(1)
All voltages are with respect to the potential at the GND pins.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). At higher power levels duty
cycle usage is assumed to drop (i.e., max power 12.5% usage is assumed) for GSM/GPRS mode.
THERMAL PROPERTIES
Junction-to-Ambient Thermal Resistance (
θJA), YFQ16 Package
(1)
50°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. Junction-to-ambient thermal resistance (
θJA)
is taken from a thermal modeling result, performed under the conditions and guidelines set forth in the JEDEC standard JESD51-7 and
is board-dependent.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263


Similar Part No. - LM3263TME/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3263TME/NOPB TI-LM3263TME/NOPB Datasheet
2Mb / 39P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
More results

Similar Description - LM3263TME/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3263 TI-LM3263 Datasheet
2Mb / 39P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263 TI1-LM3263_14 Datasheet
2Mb / 40P
[Old version datasheet]   High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
FM34093M FUMAN-FM34093M Datasheet
228Kb / 5P
   Step-down DC-DC converter control IC
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com