Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-SMRI-L Datasheet(PDF) 11 Page - ATMEL Corporation

Part # T89C51RD2-SMRI-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-SMRI-L Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button T89C51RD2-SMRI-L Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-SMRI-L Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-SMRI-L Datasheet HTML 9Page - ATMEL Corporation T89C51RD2-SMRI-L Datasheet HTML 10Page - ATMEL Corporation T89C51RD2-SMRI-L Datasheet HTML 11Page - ATMEL Corporation T89C51RD2-SMRI-L Datasheet HTML 12Page - ATMEL Corporation T89C51RD2-SMRI-L Datasheet HTML 13Page - ATMEL Corporation T89C51RD2-SMRI-L Datasheet HTML 14Page - ATMEL Corporation T89C51RD2-SMRI-L Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
11
Rev. F - 15 February, 2001
T89C51RD2
Figure 2. Mode Switching Waveforms
The X2 bit in the CKCON register (See Table 2.) allows to switch from 12 clock periods per instruction to 6
clock periods and vice versa. At reset, the standard speed is activated (STD mode). Setting this bit activates the
X2 feature (X2 mode).
The T0X2, T1X2, T2X2, SiX2, PcaX2 and WdX2 bits in the CKCON register (See Table 2.) allow to switch from
standard peripheral speed (12 clock periods per peripheral clock cycle) to fast peripheral speed (6 clock periods
per peripheral clock cycle). These bits are active only in X2 mode.
More information about the X2 mode can be found in the application note ANM072 "How to take advantage of
the X2 features in TS80C51 microcontroller?"
Table 2. CKCON Register
CKCON - Clock Control Register (8Fh)
7
6
5
4
3
2
1
0
-
WdX2
PcaX2
SiX2
T2X2
T1X2
T0X2
X2
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
6
WdX2
Watchdog clock (This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
5
PcaX2
Programmable Counter Array clock (This control bit is validated when the CPU clock X2 is set; when X2 is
low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
4
SiX2
Enhanced UART clock (Mode 0 and 2) (This control bit is validated when the CPU clock X2 is set; when X2
is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
3
T2X2
Timer2 clock (This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
2
T1X2
Timer1 clock (This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle
XTAL1:2
XTAL1
CPU clock
X2 bit
X2 Mode
STD Mode
STD Mode


Similar Part No. - T89C51RD2-SMRI-L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-SMRIL ATMEL-T89C51RD2-SMRIL Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
More results

Similar Description - T89C51RD2-SMRI-L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com