Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRL1240R30 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QRL1240R30
Description  Super Fast Recovery Diode Modules 280 Amperes/1200 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRL1240R30 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QRL1240R30 Datasheet HTML 1Page - Powerex Power Semiconductors QRL1240R30 Datasheet HTML 2Page - Powerex Power Semiconductors QRL1240R30 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Super Fast Recovery
Diode Modules
280 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
1
QR_1240R30 Preliminary
9/12 Rev. 2
Outline Drawing and Circuit Diagram
QRD
QRJ
QRC
2
3
1
2
3
1
2
3
1
2
3
1
QRF
D
A
G
H
F
F
L
J
(3 TYP.)
E
B
P
(3 TYP.)
N (2 TYP.)
C
M
Q (2 TYP.)
1
3
2
K (3 TYP.)
Dimensions
Millimeters
A
94
B
80
C
30
D
34
E
40
F
23
G
17
H
13
Dimensions
Millimeters
J
12
K
M6
L
7.5
M
25.4
N
4
P
19
Q
6.5 Dia.
Description:
Powerex Super Fast Recovery
Dual Diode Modules are designed
for use in applications requiring
fast switching. The modules are
isolated for easy mounting with
other components on common
heatsinks.
Features:
Super Fast Recovery Time
RoHS Compliant
Isolated Mounting
Metal Baseplate
Low Thermal Impedance
2500V Isolating Voltage
Applications:
Free Wheeling
Welding and Plasma
Cutting Machine


Similar Part No. - QRL1240R30

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRL1220R30 POWEREX-QRL1220R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
QRL1230R30 POWEREX-QRL1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
More results

Similar Description - QRL1240R30

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRF1240R30 POWEREX-QRF1240R30 Datasheet
521Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/1200 Volts
QRD1240R30 POWEREX-QRD1240R30 Datasheet
521Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/1200 Volts
QRD0640R30 POWEREX-QRD0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRJ0640R30 POWEREX-QRJ0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRF0640R30 POWEREX-QRF0640R30 Datasheet
573Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRC0640R30 POWEREX-QRC0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRC1230R30 POWEREX-QRC1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRF1230R30 POWEREX-QRF1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRC1220R30 POWEREX-QRC1220R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
QRS1220R30 POWEREX-QRS1220R30 Datasheet
450Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com