Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRB3310002 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # QRB3310002
Description  Fast Recovery Diode Module 100 Amperes/3300 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRB3310002 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  QRB3310002 Datasheet HTML 1Page - Powerex Power Semiconductors QRB3310002 Datasheet HTML 2Page - Powerex Power Semiconductors QRB3310002 Datasheet HTML 3Page - Powerex Power Semiconductors QRB3310002 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
QR_3310002
Fast Recovery Diode Module
100 Amperes/3300 Volts
06/13 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
360°
180°
270°
120°
90°
60°
30°
15°
MAXIMUM ON-STATE
POWER DISSIPATION
(RECTANGULAR WAVEFORM)
600
400
500
300
100
200
0
AVERAGE ON-STATE CURRENT, I
F(avg), (AMPERES)
0
20
40
60
80
100
120
0
40
20
60
80
120
100
270°
360°
(DC)
180°
120°
90°
60°
30°
15°
MAXIMUM ALLOWABLE
CASE TEMPERATURE
(RECTANGULAR WAVEFORM)
150
130
140
100
110
120
90
70
80
60
40
50
AVERAGE ON-STATE CURRENT, I
F(avg), (AMPERES)
°CONDUCTION ANGLE
0
360
180
°CONDUCTION ANGLE
0
360
180


Similar Part No. - QRB3310002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRB0620R30 POWEREX-QRB0620R30 Datasheet
520Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/600 Volts
QRB0640R30 POWEREX-QRB0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
logo
QT Optoelectronics
QRB1113 QT-QRB1113 Datasheet
146Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
Fairchild Semiconductor
QRB1113 FAIRCHILD-QRB1113 Datasheet
314Kb / 4P
   PHOTOTRANSISTOR REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
QRB1114 QT-QRB1114 Datasheet
146Kb / 2P
   REFLECTIVE OBJECT SENSORS
More results

Similar Description - QRB3310002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRD3310001 POWEREX-QRD3310001 Datasheet
587Kb / 4P
   Fast Recovery Diode Module 100 Amperes/3300 Volts
QRD3310002 POWEREX-QRD3310002 Datasheet
542Kb / 4P
   Fast Recovery Diode Module 100 Amperes/3300 Volts
QRC3310001 POWEREX-QRC3310001 Datasheet
587Kb / 4P
   Fast Recovery Diode Module 100 Amperes/3300 Volts
QR3310001 POWEREX-QR3310001 Datasheet
29Kb / 2P
   Fast Recovery Diode Module (100 Amp/3300 Volts)
QR3310002 POWEREX-QR3310002 Datasheet
29Kb / 2P
   Fast Recovery Diode Module (100 Amp/3300 Volts)
QID3310006 POWEREX-QID3310006 Datasheet
572Kb / 6P
   Dual IGBT HVIGBT Module 100 Amperes/3300 Volts
CS641230 POWEREX-CS641230 Datasheet
69Kb / 4P
   Fast Recovery Single Diode Module 300 Amperes/1200 Volts
CS640525 POWEREX-CS640525 Datasheet
58Kb / 2P
   Fast Recovery Single Diode Module 250 Amperes/500 Volts
RM300CA-9W POWEREX-RM300CA-9W Datasheet
65Kb / 2P
   Fast Recovery Welder Diode Module (300 Amperes/450 Volts)
CS241020 POWEREX-CS241020 Datasheet
61Kb / 2P
   Fast Recovery Single Diode Module 200 Amperes/1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com