Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ294700DSGR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294700DSGR
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294700DSGR Datasheet(HTML) 3 Page - Texas Instruments

  BQ294700DSGR Datasheet HTML 1Page - Texas Instruments BQ294700DSGR Datasheet HTML 2Page - Texas Instruments BQ294700DSGR Datasheet HTML 3Page - Texas Instruments BQ294700DSGR Datasheet HTML 4Page - Texas Instruments BQ294700DSGR Datasheet HTML 5Page - Texas Instruments BQ294700DSGR Datasheet HTML 6Page - Texas Instruments BQ294700DSGR Datasheet HTML 7Page - Texas Instruments BQ294700DSGR Datasheet HTML 8Page - Texas Instruments BQ294700DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
VOV
V
OV –VHYS
OUT (V)
t
CD
bq294700, bq294701, bq294702
bq294703, bq294704, bq294705
bq294707
www.ti.com
SLUSB15A – SEPTEMBER 2012 – REVISED SEPTEMBER 2013
PIN FUNCTIONS
bq2947xy
Pin Name
Type I/O
Description
1
VDD
P
Power supply input
2
V4
IA
Sense input for positive voltage of the fourth cell from the bottom of the stack
3
V3
IA
Sense input for positive voltage of the third cell from the bottom of the stack
4
V2
IA
Sense input for positive voltage of the second cell from the bottom of the stack
5
V1
IA
Sense input for positive voltage of the lowest cell in the stack
6
VSS
P
Electrically connected to IC ground and negative terminal of the lowest cell in the stack
7
CD
OA
External capacitor connection for delay timer
8
OUT
OA
Analog Output drive for overvoltage fault signal. Active High or Open Drain Active Low
9
PWPD
P
TI recommends connecting the exposed pad to VSS on PCB.
PIN DETAILS
In the bq2947xy device, each cell is monitored independently. Overvoltage is detected by comparing the actual
cell voltage to a protection voltage reference, VOV. If any cell voltage exceeds the programmed OV value, a timer
circuit is activated. This timer circuit charges the CD pin to a nominal value, then slowly discharges it with a fixed
current back down to VSS. When the CD pin falls below a nominal threshold near VSS, the OUT terminal goes
from inactive to active state. Additionally, a timeout detection circuit checks to ensure that the CD pin
successfully begins charging to above VSS and subsequently drops back down to VSS, and if a timeout error is
detected in either direction, it will similarly trigger the OUT pin to become active. See Figure 2 for details on CD
and OUT pin behavior during an overvoltage event.
For an NCH Open Drain Active Low configuration, the OUT pin pulls down to VSS when active (OV present) and
is high impedance when inactive (no OV).
Figure 1. Timing for Overvoltage Sensing
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq294700 bq294701 bq294702 bq294703 bq294704 bq294705 bq294707


Similar Part No. - BQ294700DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294700DSGR TI-BQ294700DSGR Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700DSGR TI1-BQ294700DSGR Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294700DSGR TI1-BQ294700DSGR Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700DSGR TI-BQ294700DSGR Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294700DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com