Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ294707 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ294707
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294707 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ294707 Datasheet HTML 3Page - Texas Instruments BQ294707 Datasheet HTML 4Page - Texas Instruments BQ294707 Datasheet HTML 5Page - Texas Instruments BQ294707 Datasheet HTML 6Page - Texas Instruments BQ294707 Datasheet HTML 7Page - Texas Instruments BQ294707 Datasheet HTML 8Page - Texas Instruments BQ294707 Datasheet HTML 9Page - Texas Instruments BQ294707 Datasheet HTML 10Page - Texas Instruments BQ294707 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
bq294700, bq294701, bq294702
bq294703, bq294704, bq294705
bq294707
www.ti.com
SLUSB15A – SEPTEMBER 2012 – REVISED SEPTEMBER 2013
DC CHARACTERISTICS (continued)
Typical values stated where TA = 25°C and VDD = 14.4 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 3 V
to 20 V (unless otherwise noted).
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Output Drive OUT, CMOS Active High Versions Only
(V4–V3), (V3–V2), (V2–V1), or (V1–VSS) > VOV,
6
V
VDD = 14.4 V, IOH = 100 µA
If three of four cells are short circuited, only one
VDD –
Output Drive Voltage,
cell remains powered and > VOV, VDD = Vx (cell
V
VOUT
0.3
Active High
voltage), IOH = 100 µA
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
VDD = 14.4 V, IOL = 100 µA measured into OUT
250
400
mV
pin.
(V4–V3), (V3–V2), (V2–V1), or (V1–VSS) > VOV,
OUT Source Current
IOUTH
VDD = 14.4 V,
4.5
mA
(during OV)
OUT = 0 V, measured out of OUT pin.
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
OUT Sink Current (no
VDD = 14.4 V,
IOUTL
0.5
14
mA
OV)
OUT = VDD, measured into OUT pin .Pull resistor
RPU = 5 kΩ to VDD = 14.4 V
Output Drive OUT, CMOS Open Drain Active Low Versions Only
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
Output Drive Voltage,
VOUT
VDD = 14.4 V, IOL = 100 µA measured into OUT
250
400
mV
Active High
pin.
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
OUT Sink Current (no
VDD = 14.4 V,
IOUTL
0.5
14
mA
OV)
OUT = VDD, measured into OUT pin. Pull resistor
RPU = 5 kΩ to VDD = 14.4 V
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
IOUTLK
OUT pin leakage
VDD = 14.4 V,
100
nA
OUT = VDD, measured into OUT pin.
Delay Timer
tCD
OV Delay Time
CCD = 0.1 µF (see Equation 1)
1
1.5
2
s
OV Delay Time with CD
Delay due to CCD capacitor shorted to ground for
tCD_GND
20
170
ms
pin = 0 V
Customer Test Mode
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq294700 bq294701 bq294702 bq294703 bq294704 bq294705 bq294707


Similar Part No. - BQ294707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
bq294707 TI1-bq294707 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI-BQ294707 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707DSGR TI1-BQ294707DSGR Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294707DSGR TI1-BQ294707DSGR Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com