Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ294707 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ294707
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294707 Datasheet(HTML) 2 Page - Texas Instruments

  BQ294707 Datasheet HTML 1Page - Texas Instruments BQ294707 Datasheet HTML 2Page - Texas Instruments BQ294707 Datasheet HTML 3Page - Texas Instruments BQ294707 Datasheet HTML 4Page - Texas Instruments BQ294707 Datasheet HTML 5Page - Texas Instruments BQ294707 Datasheet HTML 6Page - Texas Instruments BQ294707 Datasheet HTML 7Page - Texas Instruments BQ294707 Datasheet HTML 8Page - Texas Instruments BQ294707 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
bq294700, bq294701, bq294702
bq294703, bq294704, bq294705
bq294707
SLUSB15A – SEPTEMBER 2012 – REVISED SEPTEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
Package
OV Hysteresis
Tape and Reel
TA
Part Number
Package
OVP (V)
Output Drive
Designator
(V)
(Large)
bq294700
4.350
0.300
CMOS Active High
bq294700DSGR
bq294701
4.250
0.300
CMOS Active High
bq294701DSGR
bq294702
4.300
0.300
CMOS Active High
bq294702DSGR
bq294703
4.325
0.300
CMOS Active High
bq294703DSGR
bq294704
4.400
0.300
CMOS Active High
bq294704DSGR
–40°C to
8-pin
bq294705
4.450
0.300
CMOS Active High
bq294705DSGR
DSG
110°C
SON
bq294706(1)
4.550
0.300
CMOS Active High
bq294706DSGR
NCH Open Drain
bq294707
4.225
0.050
bq294707DSGR
Active Low
CMOS Active High
bq2947xy(1)
3.850–4.600
0–0.300
or Open Drain
bq2947xyTBD
Active Low
(1)
Product Preview only
THERMAL INFORMATION
bq2947xy
THERMAL METRIC(1)
SON
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance
62
θJC(top)
Junction-to-case(top) thermal resistance
72
θJB
Junction-to-board thermal resistance
32.5
°C/W
ψJT
Junction-to-top characterization parameter
1.6
ψJB
Junction-to-board characterization parameter
33
θJC(bottom)
Junction-to-case(bottom) thermal resistance
10
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: bq294700 bq294701 bq294702 bq294703 bq294704 bq294705 bq294707


Similar Part No. - BQ294707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
bq294707 TI1-bq294707 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI-BQ294707 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707DSGR TI1-BQ294707DSGR Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294707DSGR TI1-BQ294707DSGR Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com