Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27441-G1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27441-G1
Description  System-Side Impedance Track Fuel Gauge
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27441-G1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27441-G1 Datasheet HTML 3Page - Texas Instruments BQ27441-G1 Datasheet HTML 4Page - Texas Instruments BQ27441-G1 Datasheet HTML 5Page - Texas Instruments BQ27441-G1 Datasheet HTML 6Page - Texas Instruments BQ27441-G1 Datasheet HTML 7Page - Texas Instruments BQ27441-G1 Datasheet HTML 8Page - Texas Instruments BQ27441-G1 Datasheet HTML 9Page - Texas Instruments BQ27441-G1 Datasheet HTML 10Page - Texas Instruments BQ27441-G1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
bq27441-G1
www.ti.com
SLUSBH1A – NOVEMBER 2013 – REVISED JANUARY 2014
ADC (TEMPERATURE AND CELL MEASUREMENT) CHARACTERISTICS
TA = –40°C to 85°C; typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted) (Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN(BAT)
BAT pin voltage measurement
Voltage divider enabled.
2.45
4.5
V
range.
tADC_CONV
Conversion time
125
ms
Effective Resolution
15
bits
(1)
Specified by design. Not tested in production.
INTEGRATING ADC (COULOMB COUNTER) CHARACTERISTICS
TA = –40°C to 85°C; typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted)(Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSR
Input voltage range from BAT to
BAT ± 25
mV
SRX pins
tSR_CONV
Conversion time
Single conversion
1
s
Effective Resolution
Single conversion
16
bits
(1)
Assured by design. Not tested in production.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq27441-G1


Similar Part No. - BQ27441-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZR-G1 TI1-BQ27410DRZR-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZT-G1 TI1-BQ27410DRZT-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27441-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com