Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24261YFFT Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24261YFFT
Description  3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24261YFFT Datasheet(HTML) 2 Page - Texas Instruments

  BQ24261YFFT Datasheet HTML 1Page - Texas Instruments BQ24261YFFT Datasheet HTML 2Page - Texas Instruments BQ24261YFFT Datasheet HTML 3Page - Texas Instruments BQ24261YFFT Datasheet HTML 4Page - Texas Instruments BQ24261YFFT Datasheet HTML 5Page - Texas Instruments BQ24261YFFT Datasheet HTML 6Page - Texas Instruments BQ24261YFFT Datasheet HTML 7Page - Texas Instruments BQ24261YFFT Datasheet HTML 8Page - Texas Instruments BQ24261YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
bq24260
bq24261
bq24262A
SLUSBU4A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
DESCRIPTION (CONTINUED)
The power path management feature allows the bq2426x to power the system from a high efficiency DC to DC
converter while simultaneously and independently charging the battery. The charger monitors the battery current
at all times and reduces the charge current when the system load requires current above the input current limit or
the adapter cannot support the required load, causing the adapter voltage to fall (VIN_DPM). This allows for proper
charge termination and timer operation. The system voltage is regulated to the battery voltage but will not drop
below 3.5V (VMINSYS). This minimum system voltage support enables the system to run with a defective or absent
battery pack and enables instant system turn-on even with a totally discharged battery or no battery. The power-
path management architecture also permits the battery to supplement the system current requirements when the
adapter cannot deliver the peak system currents. The power-path feature coupled with VIN-DPM, enables the use
of many adapters with no hardware change. The charge parameters are programmable using the I2C interface.
To Support USB OTG applications, the bq2426x is configurable to boost the battery voltage to 5V at the input. In
this mode, the bq2426x supplies up to 1A and operates with battery voltages down to 3.3V.
The battery is charged using a standard Li-Ion charge profile with three phases: precharge, constant current and
constant voltage. In all charge phases, an internal control loop monitors the IC junction temperature and reduces
the input current to prevent the junction temperature from rising above 125°C. Additionally, a voltage-based,
JEITA compatible battery pack thermistor monitoring input (TS) is included that monitors battery temperature and
automatically changes charge parameters to prevent the battery from charging outside of its safe temperature
range.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Available Options
I2C
PART
D+/D–
TIMERS (SAFETY and
NTC
OTG
OVP
CE BIT DEFAULT
NUMBER
DETECTION
WATCHDOG)
MONITORING
BOOST
ADDRESS
0
bq24260
10.5
YES
YES
JEITA
YES
6B
(Charge Enabled)
1
bq24261
14
NO
YES
JEITA
YES
6B
(Charge Disabled)
0
bq24262A
6.5
NO
NO
JEITA
YES
6B
(Charge Enabled)
Ordering Information
ORDERABLE
PART NUMBER
IC MARKING
PACKAGE
QUANTITY
NUMBER
DSBGA - YFF (PREVIEW)
bq24260YFFR
3000
DSBGA - YFF (PREVIEW)
bq24260YFFT
250
bq24260
bq24260
QFN – RGE (PREVIEW)
bq24260RGER
3000
QFN – RGE (PREVIEW)
bq24260RGET
250
DSBGA - YFF
bq24261YFFR
3000
DSBGA - YFF
bq24261YFFT
250
bq24261
bq24261
QFN – RGE
bq24261RGER
3000
QFN – RGE
bq24261RGET
250
DSBGA - YFF (PREVIEW)
bq24262AYFFR
3000
bq24262A
bq24262A
DSBGA - YFF (PREVIEW)
bq24262AYFFT
250
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: bq24260 bq24261 bq24262A


Similar Part No. - BQ24261YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24261YFFT TI1-BQ24261YFFT Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
More results

Similar Description - BQ24261YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
[Old version datasheet]   bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24188 TI-BQ24188_15 Datasheet
4Mb / 52P
[Old version datasheet]   bq24188 2A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management and USB-OTG Support
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com