Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24261YFFR Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ24261YFFR
Description  3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24261YFFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24261YFFR Datasheet HTML 6Page - Texas Instruments BQ24261YFFR Datasheet HTML 7Page - Texas Instruments BQ24261YFFR Datasheet HTML 8Page - Texas Instruments BQ24261YFFR Datasheet HTML 9Page - Texas Instruments BQ24261YFFR Datasheet HTML 10Page - Texas Instruments BQ24261YFFR Datasheet HTML 11Page - Texas Instruments BQ24261YFFR Datasheet HTML 12Page - Texas Instruments BQ24261YFFR Datasheet HTML 13Page - Texas Instruments BQ24261YFFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
D–
D+
bq24260
CD
BOOT
STAT
IN
SYS
TS
SDA
SCL
PMID
DRV
1
2
3
4
5
6
18
17
16
15
14
13
(Top View)
N.C.
PSEL
bq24262
CD
BOOT
STAT
IN
SYS
TS
SDA
SCL
PMID
DRV
1
2
3
4
5
6
18
17
16
15
14
13
bq24261
PGND
PGND
PGND
PGND
PMID
SW
SW
IN
IN
IN
IN
SDA
SCL
D–
SYS
STAT
SYS
SW
D+
INT
1
2
3
4
A
B
C
D
E
BAT
AGND
BAT
BGATE
F
PGND
CD
SYS
SW
TS
BAT
5
PGND
BOOT
SYS
SW
DRV
BAT
6
PGND
PGND
PGND
PGND
PMID
SW
SW
IN
IN
IN
IN
SDA
SCL
SYS
STAT
SYS
SW
PSEL
INT
1
2
3
4
A
B
C
D
E
BAT
AGND
BAT
BGATE
F
PGND
CD
SYS
SW
TS
BAT
5
PGND
BOOT
SYS
SW
DRV
BAT
6
N.C.
bq24261/2 (Top View)
bq24260 (Top View)
bq24260
bq24261
bq24262A
SLUSBU4A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
PIN CONFIGURATION
36-Ball 2.4mm x 2.4mm WCSP
24-Pin 4mm × 4mm QFN
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: bq24260 bq24261 bq24262A


Similar Part No. - BQ24261YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24261YFFR TI1-BQ24261YFFR Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
More results

Similar Description - BQ24261YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
[Old version datasheet]   bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24188 TI-BQ24188_15 Datasheet
4Mb / 52P
[Old version datasheet]   bq24188 2A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management and USB-OTG Support
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com