Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24295 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24295
Description  I2C Controlled 3A Single Cell USB Charger
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24295 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24295 Datasheet HTML 6Page - Texas Instruments BQ24295 Datasheet HTML 7Page - Texas Instruments BQ24295 Datasheet HTML 8Page - Texas Instruments BQ24295 Datasheet HTML 9Page - Texas Instruments BQ24295 Datasheet HTML 10Page - Texas Instruments BQ24295 Datasheet HTML 11Page - Texas Instruments BQ24295 Datasheet HTML 12Page - Texas Instruments BQ24295 Datasheet HTML 13Page - Texas Instruments BQ24295 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
bq24295
SLUSBC1 – SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VD–_LOWdatref
D– Low comparator threshold
250
400
mV
RD–_DWN
D– Pulldown for connection check
14.25
24.8
k
Ω
Charging timer with 100mA USB host in
tSDP_DEFAULT
45
mins
default mode
D+ Low Comparator Threshold for Non-
Vadpt1_lo
As Percentage of REGN, 0°C – 85°C(1)
46.5
48
49.5
%
standard adapter Divider-1
D+ Low Comparator Threshold for Non-
Vadpt1_hi
As Percentage of REGN, 0°C – 85°C(1)
58.5
60
61.5
%
standard adapter Divider-1
D+ Low Comparator Threshold for Non-
Vadpt2_lo
As Percentage of REGN, 0°C – 85°C(1)
15.5
17
18.5
%
standard adapter Divider-2
D+ Low Comparator Threshold for Non-
Vadpt2_hi
As Percentage of REGN, 0°C – 85°C(1)
28.5
30
31.5
%
standard adapter Divider-2
D- Low Comparator Threshold for Non-
Vadpt3_lo
As Percentage of REGN, 0°C – 85°C(1)
46.5
48
49.5
%
standard adapter Divider-3
D- High Comparator Threshold for Non-
Vadpt3_hi
As Percentage of REGN, 0°C – 85°C(1)
58.5
60
61.5
%
standard adapter Divider-3
BAT OVER-VOLTAGE PROTECTION
VBATOVP
Battery over-voltage threshold
VBAT rising, as percentage of VBAT_REG
104
%
VBATOVP_HYST
Battery over-voltage hysteresis
VBAT falling, as percentage of VBAT_REG
2
%
Battery over-voltage deglitch time to disable
tBATOVP
1
µs
charge
THERMAL REGULATION AND THERMAL SHUTDOWN
TJunction_REG
Junction temperature regulation accuracy
REG06[1:0] = 11
120
°C
TSHUT
Thermal shutdown rising temperature
Temperature increasing
160
°C
TSHUT_HYS
Thermal shutdown hysteresis
30
°C
Thermal shutdown rising deglitch
Temperature increasing delay
1
ms
Thermal shutdown falling deglitch
Temperature decreasing delay
1
ms
COLD/HOT THERMISTER COMPARATOR
Cold temperature threshold, TS pin voltage
VLTF
Charger suspends charge. As Percentage to VREGN
73
73.5%
74
%
rising threshold
Cold temperature hysteresis, TS pin voltage
VLTF_HYS
As Percentage to VREGN
0.4
%
falling
Hot temperature TS pin voltage falling
VHTF
As Percentage to VREGN
46.6
47.7
48.8
%
threshold
Cut-off temperature TS pin voltage falling
VTCO
As Percentage to VREGN
44.2
44.7
45.2
%
threshold
Deglitch time for temperature out of range
VTS > VLTF, or VTS < VTCO, or VTS < VHTF
10
ms
detection
Cold Temperature Threshold, TS pin
As Percentage to VREGN REG02[1]=0
VBCOLD0
75.5
76
76.5
%
Voltage Rising Threshold
(Approx. -10
◦C w/ 103AT)
As Percentage to VREGN REG02[1]=0
VBCOLD0_HYS
1
%
(Approx. 1
◦C w/ 103AT)
Cold Temperature Threshold 1, TS pin
As Percentage to VREGN REG02[1]=1
VBCOLD1
78.5
79
79.5
%
Voltage Rising Threshold
(Approx. -20
◦C w/ 103AT)
As Percentage to VREGN REG02[1]=1
VBCOLD1_HYS
1
%
(Approx. 1
◦C w/ 103AT)
Hot Temperature Threshold, TS pin Voltage
As Percentage to VREGN REG06[3:2]= 01
VBHOT0
35.5
36
36.5
%
falling Threshold
(Approx. 55
◦C w/ 103AT)
As Percentage to VREGN REG06[3:2]= 01
VBHOT0_HYS
3
%
(Approx. 3
◦C w/ 103AT)
Hot Temperature Threshold 1, TS pin
As Percentage to VREGN REG06[3:2]= 00
VBHOT1
32.5
33
33.5
%
Voltage falling Threshold
(Approx. 60
◦C w/ 103AT)
As Percentage to VREGN REG06[3:2]= 00
VBHOT1_HYS
3
%
(Approx. 3
◦C w/ 103AT)
Hot Temperature Threshold 2, TS pin
As Percentage to VREGN REG06[3:2]= 10
VBHOT2
29.5
30
30.5
%
Voltage falling Threshold
(Approx. 65
◦C w/ 103AT)
(1)
REGN LDO is configured in drop-out mode. VBUS is close to REGN when IREGN= 0mA.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq24295


Similar Part No. - BQ24295

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295 TI-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
BQ24295RGER TI-BQ24295RGER Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
BQ24295RGET TI-BQ24295RGET Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
More results

Similar Description - BQ24295

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
[Old version datasheet]   Controlled 2A Single Cell USB Charger
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
[Old version datasheet]   I2C Controlled Single Cell 4-A Fast Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com