Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24261RGET Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ24261RGET
Description  3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24261RGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24261RGET Datasheet HTML 7Page - Texas Instruments BQ24261RGET Datasheet HTML 8Page - Texas Instruments BQ24261RGET Datasheet HTML 9Page - Texas Instruments BQ24261RGET Datasheet HTML 10Page - Texas Instruments BQ24261RGET Datasheet HTML 11Page - Texas Instruments BQ24261RGET Datasheet HTML 12Page - Texas Instruments BQ24261RGET Datasheet HTML 13Page - Texas Instruments BQ24261RGET Datasheet HTML 14Page - Texas Instruments BQ24261RGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
bq24260
bq24261
bq24262A
www.ti.com
SLUSBU4A – DECEMBER 2013 – REVISED JANUARY 2014
Pin Configurations
PIN NUMBER
PIN NUMBER
PIN
bq24260
bq24261/2
I/O
DESCRIPTION
NAME
YFF
RGE
YFF
RGE
AGND
F1
12, 20
F1
12, 20
Analog Ground. Connect to the thermal pad (for QFN only) and the ground plane of the circuit.
BAT
Battery Connection. Connect to the positive terminal of the battery. Bypass BAT to GND with at
F3-F6
8, 9
F3-F6
8, 9
I/O
least 1
μF of ceramic capacitance. See Applicaton section for additional details.
BGATE
External Discharge MOSFET Gate Connection. BGATE drives an external P-Channel MOSFET
to provide a very low resistance discharge path. Connect BGATE to the gate of the external
F2
11
F2
11
O
MOSFET. BGATE is low during high impedance mode or when no input is connected. If no
external FET is required, leave BGATE disconnected. Do not connect BGATE to GND.
BOOT
High Side MOSFET Gate Driver Supply. Connect 0.033µF of ceramic capacitance (voltage
C6
2
C6
2
I
rating > 10V) from BOOT to SW to supply the gate drive for the high side MOSFET.
CD
IC Hardware Disable Input. Drive CD high to place the bq24260 in high-z mode. Drive CD low
C5
4
C5
4
I
for normal operation. CD is pulled low internally with 100k
Ω
D+
D4
14
I
D+ and D– Connections for USB Input Adapter Detection. When a source is initially connected
to the input during DEFAULT mode, and a short is detected between D+ and D–, the input
D–
D3
15
I
current limit is set to 1.5A. If a short is not detected, the USB100 mode is selected.
DRV
Gate Drive Supply. DRV is the bias supply for the gate drive of the internal MOSFETs. Bypass
DRV to PGND with at least 1
μF of ceramic capacitance. DRV may be used to drive external
D6
3
D6
3
O
loads up to 10mA. DRV is active whenever the input is connected and VIN > VUVLO and VIN >
(VBAT + VSLP).
IN
DC Input Power Supply. IN is connected to the external DC supply (AC adapter or USB port).
C1-C4
19
C1-C4
19
I
Bypass IN to PGND with at least a 4.7
μF of ceramic capacitance.
INT
Status Output. INT is an open-drain output that signals charging status and fault interrupts. INT
pulls low during charging. INT is high impedance when charging is complete, disabled or the
E2
10
E2
10
O
charger is in high impedance mode. When a fault occurs, a 128
μs pulse is sent out as an
interrupt for the host. INT is enabled /disabled using the EN_STAT bit in the control register.
Connect INT to a logic rail through a 100k
Ω resistor to communicate with the host processor.
PGND
A1-A6
21,22
A1-A6
21,22
Ground terminal. Connect to the thermal pad (for QFN only) and the ground plane of the circuit.
PMID
High Side Bypass Connection. Connect at least 1µF of ceramic capacitance from PMID to
B1
1
B1
1
I
PGND as close to the PMID and PGND pins as possible.
PSEL
Hardware Input Current Limit. In DEFAULT mode, PSEL selects the input current limit. Drive
D4
14
I
PSEL high to select USB100 (bq24261) or USB500 (bq24262A) mode, drive PSEL low to
select 1.5A mode.
SCL
D2
16
D2
16
I
I2C Interface Clock. Connect SCL to the logic rail through a 10k
Ω resistor.
SDA
D1
17
D1
17
I/O
I2C Interface Data. Connect SDA to the logic rail through a 10k
Ω resistor.
STAT
Status Output. STAT is an open-drain output that signals charging status and fault interrupts.
STAT pulls low during charging. STAT is high impedance when charging is complete, disabled
or the charger is high impedance mode. When a fault occurs, a 128
μs pulse is sent out as an
E1
13
E1
13
O
interrupt for the host. STAT is enabled /disabled using the EN_STAT bit in the control register.
Connect STAT to a logic rail using an LED for visual indication or through a 100k
Ω resistor to
communicate with the host processor.
SW
Inductor Connection. Connect to the switched side of the external inductor. The inductance
B2-B6
23, 24
B2-B6
23, 24
O
must be between 1.5µH and 2.2µH.
SYS
System Voltage Sense and Charger FET Connection. Connect SYS to the system output at the
output bulk capacitors. Bypass SYS locally with at least 10
μF of ceramic capacitance. The SYS
E3-E6
6, 7
E3-E6
6, 7
I
rail must have at least 20µF of total capacitance for stable operation. See Application section
for additional details.
TS
Battery Pack NTC Monitor. Connect TS to the center tap of a resistor divider from DRV to GND.
The NTC is connected from TS to GND. The TS function provides 4 thresholds for JEITA
D5
5
D5
5
I
compatibility. TS faults are reported by the I2C interface. Pull TS high to VDRV to disable the TS
function if unused. See the NTC Monitor section for more details on operation and selecting the
resistor values.
Thermal
There is an internal electrical connection between the exposed thermal pad and the PGND pin
PAD
of the device. The thermal pad must be connected to the same potential as the PGND pin on
the printed circuit board. Do not use the thermal pad as the primary ground input for the device.
PGND pin must be connected to ground at all times.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24260 bq24261 bq24262A


Similar Part No. - BQ24261RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24261RGET TI1-BQ24261RGET Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
More results

Similar Description - BQ24261RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
[Old version datasheet]   bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24188 TI-BQ24188_15 Datasheet
4Mb / 52P
[Old version datasheet]   bq24188 2A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management and USB-OTG Support
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com