Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24261RGET Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ24261RGET
Description  3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24261RGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24261RGET Datasheet HTML 2Page - Texas Instruments BQ24261RGET Datasheet HTML 3Page - Texas Instruments BQ24261RGET Datasheet HTML 4Page - Texas Instruments BQ24261RGET Datasheet HTML 5Page - Texas Instruments BQ24261RGET Datasheet HTML 6Page - Texas Instruments BQ24261RGET Datasheet HTML 7Page - Texas Instruments BQ24261RGET Datasheet HTML 8Page - Texas Instruments BQ24261RGET Datasheet HTML 9Page - Texas Instruments BQ24261RGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
bq24260
bq24261
bq24262A
SLUSBU4A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 1, VUVLO < VIN < VOVP AND VIN > VBAT+ VSLP, TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Deglitch for CD and PSEL
CD or PSEL rising/falling
100
µs
PROTECTION
VUVLO
IC active threshold voltage
VIN rising
3.2
3.3
3.4
V
VUVLO_HYS
IC active hysteresis
VIN falling from above VUVLO
300
mV
Battery Undervoltage
VBATUVLO
VBAT falling, 100mV Hysteresis
2.4
2.6
V
Lockout threshold
Sleep-mode entry threshold,
VSLP
2.0 V < VBAT < VBATREG, VIN falling
0
40
120
mV
VIN-VBAT
Deglitch time, BAT above
tDGL(BAT)
VBATUVLO before SYS starts
1.2
ms
to rise
VSLP_HYS
Sleep-mode exit hysteresis
VIN rising above VSLP
40
100
190
mV
Deglitch time for supply
tDGL(VSLP)
Rising voltage, 2-mV over drive, tRISE=100ns
30
ms
rising above VSLP+VSLP_HYS
bq24260
10.1
10.5
10.9
Input supply OVP threshold
VOVP
IN rising, 100mV hysteresis
bq24261
13.6
14
14.4
V
voltage
bq24262
6.25
6.5
6.75
Good Battery Monitor
VBATGD
VIN Rising
3.51
3.7
3.89
V
Threshold (BQ24260/1 only)
tDGL(BUCK_OV
Deglitch time, VIN OVP in
IN falling below VOVP
30
ms
P)
Buck Mode
1.03 ×
1.05 ×
1.07 ×
Battery OVP threshold
VBOVP
VBAT threshold over VOREG to turn off charger during charge
V
voltage
VBATREG
VBATREG
VBATREG
% of
VBOVP_HYS
VBOVP hysteresis
Lower limit for VBAT falling from above VBOVP
1
VBATREG
tDGL(BOVP)
BOVP Deglitch
Battery entering/exiting BOVP
8
ms
ICbCLIMIT
Cycle-by-cycle current limit
VSYS shorted
4.1
4.5
4.9
A
TSHTDWN
Thermal trip
150
°C
Thermal hysteresis
10
TREG
Thermal regulation threshold
Input current begins to cut off
125
°C
Safety Timer Accuracy
–20%
20%
PWM
YFF Package: Measured from IN to SW
75
120
m
Ω
Internal top MOSFET on-
RDSON_Q1
resistance
RGE Package: Measured from IN to SW
80
135
m
Ω
YFF Package: Measured from SW to PGND
75
115
m
Ω
Internal bottom N-channel
RDSON_Q2
MOSFET on-resistance
RGE Package: Measured from SW to PGND
80
135
m
Ω
fOSC
Oscillator frequency
1.35
1.5
1.65
MHz
DMAX
Maximum duty cycle
95
%
DMIN
Minimum duty cycle
0
BATTERY-PACK NTC MONITOR (1)
VHOT
High temperature threshold
VTS falling, 2% VDRV Hysteresis
27.3
30
32.6
%VDRV
VWARM
Warm temperature threshold
VTS falling, 2% VDRV Hysteresis
36.0
38.3
41.2
%VDRV
VCOOL
Cool temperature threshold
VTS rising, 2% VDRV Hysteresis
54.7
56.4
58.1
%VDRV
VCOLD
Low temperature threshold
VTS rising, 2% VDRV Hysteresis
58.2
60
61.8
%VDRV
TSOFF
TS Disable threshold
VTS rising, 4% VDRV Hysteresis
80
85
%VDRV
tDGL(TS)
Deglitch time on TS change
Applies to VHOT, VWARM, VCOOL and VCOLD
50
ms
I2C COMPATIBLE INTERFACE
VIH
Input low threshold level
VPULL-UP=1.8V, SDA and SCL
1.3
V
VIL
Input low threshold level
VPULL-UP=1.8V, SDA and SCL
0.4
V
VOL
Output low threshold level
IL=5mA, sink current
0.4
V
IBIAS
High-Level leakage current
VPULL-UP=1.8V, SDA and SCL
1
μA
tWATCHDOG
30
50
s
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: bq24260 bq24261 bq24262A


Similar Part No. - BQ24261RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24261RGET TI1-BQ24261RGET Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
More results

Similar Description - BQ24261RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
[Old version datasheet]   bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24188 TI-BQ24188_15 Datasheet
4Mb / 52P
[Old version datasheet]   bq24188 2A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management and USB-OTG Support
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com