Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24260SYFFT Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ24260SYFFT
Description  3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24260SYFFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24260SYFFT Datasheet HTML 4Page - Texas Instruments BQ24260SYFFT Datasheet HTML 5Page - Texas Instruments BQ24260SYFFT Datasheet HTML 6Page - Texas Instruments BQ24260SYFFT Datasheet HTML 7Page - Texas Instruments BQ24260SYFFT Datasheet HTML 8Page - Texas Instruments BQ24260SYFFT Datasheet HTML 9Page - Texas Instruments BQ24260SYFFT Datasheet HTML 10Page - Texas Instruments BQ24260SYFFT Datasheet HTML 11Page - Texas Instruments BQ24260SYFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
IN
SW
+
+
BOOT
DRV
SYS
BAT
VMINSYS
BGATE
STAT
SDA
SCL
+
+
VDRV
TS
TS COLD
TS HOT
TS WARM
TS COOL
1C/
0.5C
DISABLE
VSYSREG Comparator
+
DC-DC CONVERTER PWM LOGIC,
COMPENSATION AND BATTERY
FET CONTROL
VBATREG
± 0.14V
+
VIN
4.8V
Reference
VBATSHRT
+
VBATSC Comparator
VBAT
Termination
Comparator
CHARGE
CONTROLLER
w/ Timers
VSUPPLY
Termination
Reference
VBATREG ± 0.12V
+
Recharge Comparator
VBAT
VSYS
Enable Linear
Charge
PGND
D-
Q3
Q2
Q1
I
CbCLimit
D+
USB
Adapter
Detection
Circuitry
1.5A /
USB100
I2C
Interface
References
Enable
IBATSHRT
+
Supplement COMPARATOR
VBAT VBSUP
VSYS
Hi-Impedance Mode
PSEL
bq24261/2
bq24260
Sleep
Comparator
VBAT+VSLP
Enable HiZ in
DEFAULT mode
+
IINLIM
VINDPM
VSYS(REG)
IBAT(REG)
VBAT(REG)
DIE Temp
Regulation
IBAT
VBATGD
Start Recharge
Cycle
DISABLE
+
VIN
OVP
Comparator
VINOVP
VBATOVP
+
VBOVP Comparator
VBAT
CD
Hi-Z
Mode
PMID
INT
bq24260
bq24261
bq24262A
SLUSBU4A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
Block Diagrams
Figure 1. Block Diagram in Charging Mode
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: bq24260 bq24261 bq24262A


Similar Part No. - BQ24260SYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24260RGER TI1-BQ24260RGER Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24260RGET TI1-BQ24260RGET Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24260YFFR TI1-BQ24260YFFR Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24260YFFT TI1-BQ24260YFFT Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
More results

Similar Description - BQ24260SYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
[Old version datasheet]   bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24188 TI-BQ24188_15 Datasheet
4Mb / 52P
[Old version datasheet]   bq24188 2A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management and USB-OTG Support
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com