Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24261 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ24261
Description  3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24261 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24261 Datasheet HTML 1Page - Texas Instruments BQ24261 Datasheet HTML 2Page - Texas Instruments BQ24261 Datasheet HTML 3Page - Texas Instruments BQ24261 Datasheet HTML 4Page - Texas Instruments BQ24261 Datasheet HTML 5Page - Texas Instruments BQ24261 Datasheet HTML 6Page - Texas Instruments BQ24261 Datasheet HTML 7Page - Texas Instruments BQ24261 Datasheet HTML 8Page - Texas Instruments BQ24261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
bq24260
bq24261
bq24262A
SLUSBU4A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
ELECTRICAL CHARACTERISTICS
Circuit of Figure 1, VUVLO < VIN < VOVP AND VIN > VBAT+ VSLP, TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
VUVLO < VIN < VOVP and VIN>VBAT+VSLP
15
PWM switching
YFF Package: VUVLO < VIN < VOVP and VIN>VBAT+VSLP
6.5
mA
PWM NOT switching
IIN
Supply current for control
RGE Package: VUVLO < VIN < VOVP and VIN>VBAT+VSLP
6.65
PWM NOT switching
0°C< TJ < 85°C, VIN = 5V, High-Z Mode
250
μA
0°C< TJ < 85°C, VBAT = 4.2 V, VIN = 5V,
15
SCL, SDA = 0V or 1.8V, High-Z Mode
Battery discharge current in
YFF Package: 0°C< TJ < 85°C, VBAT = 4.2 V, VIN = 0V,
IBAT_HIZ
High Impedance mode,
77
μA
SCL, SDA = 0V or 1.8V
(BAT, SW, SYS)
RGE Package: 0°C< TJ < 85°C, VBAT = 4.2 V, VIN = 0V,
80
SCL, SDA = 0V or 1.8V
POWER-PATH MANAGEMENT
VMINSYS
VMINSYS
VMINSYS
VSYSREG(LO)
System Regulation Voltage
VBAT < VMINSYS
V
+ 80mV
+ 100mV
+ 120mV
Battery FET turned off, no charging,
VBATREG
VBATREG
VBATREG
VSYSREG(HI)
System Regulation Voltage
V
VBAT > 3.5V
+2.2%
+2.5%
+2.77%
Minimum System Voltage
VMINSYS
VBAT + VDO(SYS_BAT) < 3.5V
3.44
3.5
3.55
V
Regulation Threshold
tDGL(MINSYS_C Deglitch time, VMINSYS
8
ms
MP)
comparator rising
Enter supplement mode
VBAT
VBSUP1
VBAT > VBUVLO
V
threshold
20mV
Exit supplement mode
VBAT
VBSUP2
VBAT > VBUVLO
V
threshold
5mV
Current Limit, Discharge or
ILIM(DISCH)
VLIM(BGATE) = VBAT – VSYS
4
6
A
Supplement Mode
Deglitch Time, OUT Short
tDGL(SC1)
Circuit during Discharge or
Measured from IBAT = 7A to FET off
250
μs
Supplement Mode
Recovery time, OUT Short
tREC(SC1)
Circuit during Discharge or
2
s
Supplement Mode
Battery Range for BGATE
2.5
4.5
V
Operation
BATTERY CHARGER
YFF
17
25
Measured from BAT to SYS,
Internal battery charger
RON(BAT-SYS)
m
Ω
MOSFET on-resistance
VBAT = 4.2V, High-Z mode
RGE
32
47
Charge Voltage
Operating in voltage regulation, Programmable Range
3.5
4.44
V
RGE Package Voltage
TJ = 0°C to 50°C
-0.5%
0.5%
Regulation Accuracy
RGE Package Voltage
TJ = 0°C to 85°C
-0.7%
0.7%
VBATREG
Regulation Accuracy
RGE Package Voltage
TJ = 0°C to 125°C
-1.0%
1.0%
Regulation Accuracy
YFF Package Voltage
TJ = 0°C to 125°C
–1.7%
0.8%
Regulation Accuracy
Fast Charge Current Range
VBATSHRT ≤ VBAT < VBAT(REG)
500
3000
mA
ICHARGE
500 mA
≤ ICHARGE ≤ 1A
–10%
10%
Fast Charge Current
Accuracy
ICHARGE > 1000 mA
–5%
5%
Battery short circuit
VBATSHRT
1.9
2
2.1
V
threshold
VBATSHRT_HY
Hysteresis for VBATSHRT
Battery voltage falling
100
mV
S
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: bq24260 bq24261 bq24262A


Similar Part No. - BQ24261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24261 TI1-BQ24261 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24261M TI1-BQ24261M Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24261MRGER TI1-BQ24261MRGER Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24261MRGET TI1-BQ24261MRGET Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24261MYFFR TI1-BQ24261MYFFR Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
More results

Similar Description - BQ24261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
[Old version datasheet]   bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24188 TI-BQ24188_15 Datasheet
4Mb / 52P
[Old version datasheet]   bq24188 2A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management and USB-OTG Support
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com