Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPM1002CTF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MPM1002CTF
Description  Molded, SOT-23 Resistor, Surface Mount Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPM1002CTF Datasheet(HTML) 2 Page - Vishay Siliconix

  MPM1002CTF Datasheet HTML 1Page - Vishay Siliconix MPM1002CTF Datasheet HTML 2Page - Vishay Siliconix MPM1002CTF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 60001
For technical questions, contact: thinfilm@vishay.com
www.vishay.com
Revision: 25-Jan-10
11
MPM (Divider)
Molded, SOT-23 Resistor, Surface Mount Network
Vishay Thin Film
Notes
(1) Tol. available 1K and up equal values only
(2) Preferred packaging code
DIMENSIONS AND IMPRINTING in inches and millimeters
DIMENSION
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.031
0.040
0.79
1.02
A1
0.001
0.004
0.02
0.10
B
0.105
0.120
2.67
3.05
S
0.071
0.079
1.80
2.00
W
0.015
0.021
0.38
0.54
L
0.083
0.098
2.10
2.50
H
0.047
0.055
1.20
1.40
T
0.005
0.010
0.13
0.25
J
0.0035
0.0059
0.089
0.15
K
0.017
0.022
0.44
0.55
Ø0
0
H L
W
K
S
B
A
A1
T
J
Ø
Pin #
1
2
3
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Silicon
Body
Molded epoxy
Terminals
Copper alloy
Lead (Pb)-free Option
100 % matte tin
Tin Lead Option
Sn85
Tin Lead and Lead (Pb)-free Finish
Plated
DERATING CURVE
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
100 % = 0.2 W
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MPM1003AWS
GLOBAL MODEL
(3 or 4 digits)
RESISTANCE
(4 or 8 digits)
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
MPM
(Tin lead)
MPMT
(Lead (Pb)-free)
(e3)
First 3 digits are significant
figures
and
the
last
digit
specifies the number of zeros to
follow. When like values are
required use total resistance.
When dual values are required
list both values.
Example:
(List R1 first in part number with
dual values)
1002 = 10K (5K/5K)
1003 = 100K (50K/50K)
10011002 = 1K/10K divider
Abs. Tol.
A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1 %
Z = 0.1 % (1)
Q = 0.05 % (1)
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
0.025 %
0.01 %
BS = BULK 100 min., 1 mult
WS = WAFFLE 100 min., 1 mult
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (2)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel 4000
TS = 100 min., 1 mult
Historical Part Number example: MPM1002BW (for reference purposes only)
MPM
1002
B
W
SERIES
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
P
M
T
10015
M
00
1
A
T
1
P
M
1003
M
AW
S


Similar Part No. - MPM1002CTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPM1002CTF VISHAY-MPM1002CTF Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
More results

Similar Description - MPM1002CTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPM VISHAY-MPM Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
MPD VISHAY-MPD Datasheet
280Kb / 4P
   Molded, SOT-143 Resistor Network
Revision: 17-Sep-07
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
logo
CTS Corporation
766141103GP CTS-766141103GP Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766145191A CTS-766145191A Datasheet
99Kb / 4P
   Surface Mount Resistor Network
767163203GP CTS-767163203GP Datasheet
93Kb / 4P
   Surface Mount Resistor Network
766161103G CTS-766161103G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766163271G CTS-766163271G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com