Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN411411 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PN411411
Description  POW-R-BLOKTM Common Anode Dual Diode Module 1100 Amperes / Up to 2600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PN411411 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PN411411 Datasheet HTML 1Page - Powerex Power Semiconductors PN411411 Datasheet HTML 2Page - Powerex Power Semiconductors PN411411 Datasheet HTML 3Page - Powerex Power Semiconductors PN411411 Datasheet HTML 4Page - Powerex Power Semiconductors PN411411 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Common Anode Dual Diode Module
1100 Amperes / Up to 2600 Volts
Revision Date: 08/20/2013
PN41__11
®
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
Up to 2600
V
Non-Repetitive Peak Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100V
V
RMS Current Per Diode
(180° Conduction)
180° Conduction, TC=80°C
180° Conduction, TC=87°C
180° Conduction, TC=95°C
180° Conduction, TC=98°C
IF(RMS)
IF(RMS)
IF(RMS)
IF(RMS)
1885
1725
1570
1415
A
A
A
A
Average Forward Current Per Diode
(180° Conduction)
180° Conduction, TC=80°C
180° Conduction, TC=87°C
180° Conduction, TC=95°C
180° Conduction, TC=98°C
IF(AV)
IF(AV)
IF(AV)
IF(AV)
1200
1100
1000
900
A
A
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25°C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
50,890
46,400
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25°C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
33,925
30,935
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125°C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
44,250
40,350
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125°C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
29,500
26,900
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125°C, Vr = Vrrm
IFSM
23,690
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125°C, Vr = Vrrm
IFSM
18,615
A
I
2t for Fusing for One Cycle
Tj = 125°C, Vr = Vrrm
8.3 milliseconds
10 milliseconds
I
2t
I
2t
3.63 x 10
6
3.62 x 10
6
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw
132
15
in.
– Lb.
Nm
Max. Mounting Torque, M10 Terminal Screw
106
12
in.
– Lb.
Nm
Module Weight, Typical
5.33
kg
11.75
lb
V Isolation @ 25°C
Vrms
4000
V
Information is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to suitability for use, reliability, capability,
or future availability of this product.


Similar Part No. - PN411411

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN4117 FAIRCHILD-PN4117 Datasheet
535Kb / 12P
   N-Channel Switch
logo
Calogic, LLC
PN4117 CALOGIC-PN4117 Datasheet
21Kb / 1P
   N-Channel JFET General Purpose Amplifier
logo
Fairchild Semiconductor
PN4117 FAIRCHILD-PN4117 Datasheet
129Kb / 5P
   N-Channel Switch
logo
Micross Components
PN4117 MICROSS-PN4117 Datasheet
285Kb / 1P
   Linear Systems replaces discontinued Siliconix PN4117
logo
Linear Integrated Syste...
PN4117 LINEAR-PN4117 Datasheet
333Kb / 2P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
More results

Similar Description - PN411411

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PN411811 POWEREX-PN411811 Datasheet
357Kb / 5P
   POW-R-BLOKTM Common Anode Dual Diode Module 1100 Amperes / Up to 2600 Volts
LD412260 POWEREX-LD412260 Datasheet
393Kb / 6P
   POW-R-BLOKTM Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
PN414010 POWEREX-PN414010 Datasheet
429Kb / 5P
   POW-R-BLOK Common Anode Dual Diode Module 1000 Amperes / Up to 4000 Volts
CD420840B POWEREX-CD420840B Datasheet
118Kb / 4P
   POW-R-BLOKTM Dual SCR/Diode Isolated Module 40 Amperes / Up to 1800 Volts
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
LD412060 POWEREX-LD412060 Datasheet
393Kb / 6P
   POW-R-BLOK Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
   POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
   POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
CD410899C POWEREX-CD410899C Datasheet
476Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
logo
Power Analog Micoelectr...
CC612016C PAM-CC612016C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com